công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F18344-I/SS bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện PIC16F18344-I/SS
Giải thích chi tiết về linh kiện  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/SS bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button PIC16F18344-I/SS Datasheet HTML 9Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 10Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 11Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 12Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 13Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 14Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 15Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 16Page - Microchip Technology PIC16F18344-I/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 489 page
background image
 2015-2017 Microchip Technology Inc.
DS40001800C-page 13
PIC16(L)F18324/18344
TABLE 1-2:
PIC16(L)F18324 PINOUT DESCRIPTION
Name
Function
Input
Type
Output Type
Description
RA0/ANA0/C1IN0+/DAC1OUT/
ICDDAT/ICSPDAT
RA0
TTL/ST
CMOS
General purpose I/O.
ANA0
AN
―
ADC Channel A0 input.
C1IN0+
AN
―
Comparator C1 positive input.
DAC1OUT
―
AN
Digital-to-Analog Converter output.
ICDDAT
TTL/ST
―
In-Circuit Debug Data I/O.
ICSPDAT
TTL/ST
―
ICSP™ Data I/O.
RA1/ANA1/VREF+/C1IN0-/
C2IN0-/DAC1REF+/ ICDCLK/
ICSPCLK
RA1
TTL/ST
CMOS
General purpose I/O.
ANA1
AN
―
ADC Channel A1 input.
VREF+AN
―
ADC positive voltage reference input.
C1IN0-
AN
—
Comparator C1 negative input.
C2IN0-
AN
―
Comparator C2 negative input.
DAC1REF+
AN
—
Digital-to-Analog Converter positive reference input.
ICDCLK
TTL/ST
―
In-Circuit Debug Clock I/O.
ICSPCLK
TTL/ST
―
ICSP™ Clock I/O.
RA2/ANA2/VREF-/ DAC1REF-/
T0CKI(1)/ CCP3(1)/CWG1IN(1)/
CWG2IN(1)/INT(1)
RA2
TTL/ST
CMOS
General purpose I/O.
ANA2
AN
―
ADC Channel A2 input.
VREF-AN
―
ADC negative voltage reference input.
DAC1REF-AN
―
Digital-to-Analog Converter negative reference input.
T0CKI
TTL/ST
―
TMR0 Clock input.
CCP3
TTL/ST
―
Capture/Compare/PWM 3 input.
CWG1IN
TTL/ST
―
Complementary Waveform Generator 1 input.
CWG2IN
TTL/ST
―
Complementary Waveform Generator 2 input.
INT
TTL/ST
―
External interrupt input.
RA3/MCLR/VPP
RA3
TTL/ST
CMOS
General purpose I/O.
MCLR
TTL/ST
―
Master Clear with internal pull-up.
VPP
HV
―
Programming voltage.
RA4/ANA4/T1G(1)/ SOSCO/
CLKOUT/OSC2
RA4
TTL/ST
CMOS
General purpose I/O.
ANA4
AN
―
ADC Channel A4 input.
T1G
ST
―
TMR1 gate input.
SOSCO
―
XTAL
Secondary Oscillator connection.
CLKOUT
―
CMOS
FOSC/4 output.
OSC2
―
XTAL
Crystal/Resonator (LP, XT, HS modes).
RA5/ANA5/T1CKI(1)/ SOSCIN/
SOSCI/ CLCIN3(1)/CLKIN/
OSC1
RA5
TTL/ST
CMOS
General purpose I/O.
ANA5
AN
―
ADC Channel A5 input.
T1CKI
TTL/ST
―
TMR1 Clock input.
SOSCIN
TTL/ST
―
Secondary Oscillator input connection.
SOSCI
XTAL
―
Secondary Oscillator connection.
CLCIN3
TTL/ST
―
Configurable Logic Cell 3 input.
CLKIN
TTL/ST
―
External clock input.
OSC1
XTAL
―
Crystal/Resonator (LP, XT, HS modes).
Legend:
AN = Analog input or output CMOS=CMOS compatible input or output
OD
= Open-Drain
TTL = TTL compatible input
ST
=Schmitt Trigger input with CMOS levels
I2C
= Schmitt Trigger input with I2C
HV = High Voltage
XTAL =Crystal levels
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. See Register 13-1.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a digital peripheral output with the PPS output
selection registers. See Register 13-2.
3:
These I2C functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com