công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F18344-I/P bảng dữ liệu(PDF) 72 Page - Microchip Technology

tên linh kiện PIC16F18344-I/P
Giải thích chi tiết về linh kiện  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  489 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18344-I/P bảng dữ liệu(HTML) 72 Page - Microchip Technology

Back Button PIC16F18344-I/P Datasheet HTML 68Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 69Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 70Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 71Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 72Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 73Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 74Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 75Page - Microchip Technology PIC16F18344-I/P Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 489 page
background image
PIC16(L)F18324/18344
DS40001800C-page 72
 2015-2017 Microchip Technology Inc.
6.10
Start-up Sequence
Upon the release of a POR or BOR, the following must
occur before the device will begin executing:
1.
Power-up Timer runs to completion (if enabled).
2.
MCLR must be released (if enabled).
3.
Oscillator start-up timer runs to completion (if
required for oscillator source).
The total time-out will vary based on oscillator
configuration and Power-up Timer Configuration. See
Section 7.0
“Oscillator
Module”
for
more
information.
The Power-up Timer and oscillator start-up timer run
independently of MCLR Reset. If MCLR is kept low
long enough, the Power-up Timer will expire. Upon
bringing MCLR high, the device will begin execution
after 10 FOSC cycles (see Figure 6-3). This is useful for
testing purposes or to synchronize more than one
device operating in parallel.
FIGURE 6-3:
RESET START-UP SEQUENCE
TOST
TMCLR
TPWRT
VDD
Internal POR
Power-up Timer
MCLR
Internal RESET
Oscillator Modes
Oscillator Start-up Timer
Oscillator
FOSC
Internal Oscillator
Oscillator
FOSC
External Clock (EC)
CLKIN
FOSC
External Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com