| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL2575 bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL2575 bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 29 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TL2575HV-05IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-05IKTTRG3 ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-05IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575HV-05IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-05INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-12IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-12IKTTRG3 ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-12IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575HV-12IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-12INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-15IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-15IKTTRG3 ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-15IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575HV-15IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-15INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-33IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-33IKTTRG3 ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-33IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575HV-33IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-33INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-ADJIKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR TL2575HV-ADJIKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type TL2575HV-ADJIN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type TL2575HV-ADJINE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. PACKAGE OPTION ADDENDUM www.ti.com 29-Oct-2007 Addendum-Page 2 |