công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4640 bảng dữ liệu(PDF) 1 Page - VISATON GmbH & Co. KG

tên linh kiện 4640
Giải thích chi tiết về linh kiện  Zubehör / Accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISATON [VISATON GmbH & Co. KG]
Trang chủ  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG

4640 bảng dữ liệu(HTML) 1 Page - VISATON GmbH & Co. KG

  4640 Datasheet HTML 1Page - VISATON GmbH & Co. KG 4640 Datasheet HTML 2Page - VISATON GmbH & Co. KG 4640 Datasheet HTML 3Page - VISATON GmbH & Co. KG 4640 Datasheet HTML 4Page - VISATON GmbH & Co. KG 4640 Datasheet HTML 5Page - VISATON GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISATON Lieferprogramm / Main Catalogue 2011/2012
175
Zubehör / Accessories
Lautsprecherabdeckungen / Loudspeaker Covers
Schutzgitter aus schwarz lackiertem Metall . Zierring aus
schwarzem Kunststoff .
Auf Anfrage auch in anderen Farben lackiert erhältlich .
• Kunststoff: ABS
Protective grille made of black painted metal. Decoration
ring made of black plastics.
Can be supplied painted in other colours on request.
• Plastics: ABS
Passend für/Suitable for: FRS 7, FRS 7 S, FRS 7 W, FR 7
Art. No. 1138
Gitter / Grille FRS 8
Schutzgitter aus schwarz lackiertem Metall . Zierring aus
schwarzem Kunststoff .
Auf Anfrage auch in anderen Farben lackiert erhältlich .
• Kunststoff: PC (UL 94: V-2)
Protective grille made of black painted metal. Decoration
ring made of black plastics.
Can be supplied painted in other colours on request.
• Plastics: PC (UL 94: V-2)
Passend für/Suitable for: FR 8, FRS 8, F 8 SC, FRS 8 M,
FR 8 JS
Schutzgitter aus schwarzem Kunststoff .
Auf Anfrage auch in anderen Farben lackiert erhältlich .
Protective grille made of black plastics.
Can be supplied painted in other colours on request.
Passend für/Suitable for: FR 87, SL 87 WPM
Art. No. 4639
Gitter / Grille FR 87
Art. No. 2312
Gitter / Grille FRS 7
Art. No. 4634
Gitter / Grille 8 ES
Schutzgitter aus schwarz lackiertem Metall . Zierring aus
schwarzem Kunststoff .
Auf Anfrage auch in anderen Farben lackiert erhältlich .
• Kunststoff: PC (UL 94: V-2)
Protective grille Protective grille made of black painted
metal. Decoration ring made of black plastics.
Can be supplied painted in other colours on request.
• Plastics: PC (UL 94: V-2)
Passend für/Suitable for:
F 8 SC, FR 8, FR 8 JS, FRS 8 M, FRS 8


Số phần tương tự - 4640

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RAF ELECTRONIC HARDWARE
4640-1032-AL RAF-4640-1032-AL Datasheet
105Kb / 1P
3/8 HEX MALE FEMALE STANDOFFS
4640-1032-S RAF-4640-1032-S Datasheet
105Kb / 1P
3/8 HEX MALE FEMALE STANDOFFS
logo
Phoenix Mecano S.E. Asi...
46400000 BOPLA-46400000 Datasheet
2Mb / 22P
Cable glands / General Accessories
logo
Molex Electronics Ltd.
46408-1100 MOLEX11-46408-1100 Datasheet
71Kb / 2P
EXTreme Ten60Power 153 6.00mm Pitch Receptacle Kit, 4 Power Circuits, 4 Signal Circuits with TPA
46409-1100 MOLEX11-46409-1100 Datasheet
70Kb / 1P
EXTreme Ten60Power 153 6.00mm Pitch Plug Kit, 4 Power Circuits, 4 Signal Circuits with TPA
More results

Mô tả tương tự - 4640

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
logo
Infineon Technologies A...
SP000983448 INFINEON-SP000983448 Datasheet
81Kb / 2P
Gate leads for MP disc devices Zubehör Date
2013-10-01 Revision: 3.1
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com