| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLG47004V bảng dữ liệu(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SLG47004V bảng dữ liệu(HTML) 50 Page - Renesas Technology Corp |
|
50 / 302 page ![]() Datasheet 8-Sep-2022 CFR0011-120-00 Revision 3.0 50 of 301 © 2022 Renesas Electronics Corporation SLG47004 GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features [59:54] IN1 of LUT3_0 or Data of DFF3 9 [65:60] IN2 of LUT3_0 or nRST (nSET) of DFF3 10 [71:66] IN0 of LUT3_1 or CLK Input of DFF4 11 [77:72] IN1 of LUT3_1 or Data of DFF4 12 [83:78] IN2 of LUT3_1 or nRST (nSET) of DFF4 13 [89:84] IN0 of LUT3_2 or CLK Input of DFF5 14 [95:90] IN1 of LUT3_2 or Data of DFF5 15 [101:96] IN2 of LUT3_2 or nRST(nSET) of DFF5 16 [107:102] IN0 of LUT3_3 or CLK Input of DFF6 17 [113:108] IN1 of LUT3_3 or Data of DFF6 18 [119:114] IN2 of LUT3_3 or nRST (nSET) of DFF6 19 [125:120] IN0 of LUT3_4 or CLK Input of DFF7 20 [131:126] IN1 of LUT3_4 or Data of DFF7 21 [137:132] IN2 of LUT3_4 or nRST (nSET) of DFF7 22 [143:138] IN0 of LUT3_5 or CLK Input of DFF8 23 [149:144] IN1 of LUT3_5 or Data of DFF8 24 [155:150] IN2 of LUT3_5 or nRST (nSET) of DFF8 25 [161:156] IN0 of LUT3_6 or CLK Input of DFF9 26 [167:162] IN1 of LUT3_6 or CLK Input of DFF9 27 [173:168] IN2 of LUT3_6 or nRST (nSET) of DFF9 28 [179:174] IN0 of LUT3_7 or CLK Input of DFF11 Delay1 Input (or Counter1 nRST Input) 29 [185:180] IN1 of LUT3_7 or nRST (nSET) of DFF11 Delay1 Input (or Counter1 nRST Input) 30 [191:186] IN2 of LUT3_7 or Data of DFF11 Delay1 Input (or Counter1 nRST Input) 31 [197:192] IN0 of LUT3_8 or CLK Input of DFF12 Delay2 Input (or Counter2 nRST Input) 32 [203:198] IN1 of LUT3_8 or nRST (nSET) of DFF12 Delay2 Input (or Counter2 nRST Input) 33 [209:204] IN2 of LUT3_8 or Data of DFF12 Delay2 Input (or Counter2 nRST Input) 34 [215:210] IN0 of LUT3_9 or CLK Input of DFF13 Delay3 Input (or Counter3 nRST Input) 35 [221:216] IN1 of LUT3_9 or nRST (nSET) of DFF13 Delay3 Input (or Counter3 nRST Input) 36 [227:222] IN2 of LUT3_9 or Data of DFF13 Delay3 Input (or Counter3 nRST Input) 37 [233:228] IN0 of LUT3_10 or CLK Input of DFF14 Delay4 Input (or Counter4 nRST Input) 38 [239:234] IN1 of LUT3_10 or nRST (nSET) of DFF14 Delay4 Input (or Counter4 nRST Input) 39 Table 29: Matrix Output Table(Continued) Register Bit Address Matrix Output Signal Function Matrix Output Number |