| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STP16DP05 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP16DP05 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 28 page ![]() Timing diagrams STP16DP05 10/28 5 Timing diagrams Note: OUTn = ON when Dn = H OUTn = OFF when Dn = L Figure 7. Timing diagram Note: The latches circuit holds data when the LE\DM1 terminal is Low. 1 When LE\DM1 terminal is at High level, latch circuit hold the data it passes from the input to the output. 2 When OE\DM2 terminal is at Low level, output terminals OUT0 to OUT15 respond to the data, either ON or OFF. 3 When OE\DM2 terminal is at High level, it switches off all the data on the output terminal. Table 9. Truth table CLOCK LE\DM1 OE\DM2 SERIAL-IN OUT0 ............. OUT7 ................ OUT15 SDO H L Dn Dn ..... Dn - 7 ..... Dn -15 Dn - 15 L L Dn + 1 No Change Dn - 14 H L Dn + 2 Dn + 2 ..... Dn - 5 ..... Dn -13 Dn - 13 X L Dn + 3 Dn + 2 ..... Dn - 5 ..... Dn -13 Dn - 13 X H Dn + 3 OFF Dn - 13 OE\DM2 LE\DM1 |