công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTH12030LAH.B bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện PTH12030LAH.B
Giải thích chi tiết về linh kiện  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12030LAH.B bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button PTH12030LAH.B Datasheet HTML 7Page - Texas Instruments PTH12030LAH.B Datasheet HTML 8Page - Texas Instruments PTH12030LAH.B Datasheet HTML 9Page - Texas Instruments PTH12030LAH.B Datasheet HTML 10Page - Texas Instruments PTH12030LAH.B Datasheet HTML 11Page - Texas Instruments PTH12030LAH.B Datasheet HTML 12Page - Texas Instruments PTH12030LAH.B Datasheet HTML 13Page - Texas Instruments PTH12030LAH.B Datasheet HTML 14Page - Texas Instruments PTH12030LAH.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
PTH12030W/L
www.ti.com .................................................................................................................................................... SLTS211H – MAY 2003 – REVISED DECEMBER 2008
Table 4. Input/Output Capacitors(1)
CAPACITOR CHARACTERISTICS
QUANTITY
WORKING
VALUE
MAX ESR
MAX RIPPLE
PHYSICAL
INPUT
OPTIONAL
VENDOR PART
CAPACITOR VENDOR,
VOLTAGE
(µF)
@ 100
CURRENT @
SIZE (mm)
BUS
OUTPUT
NUMBER
TYPE/SERIES, (STYLE)
(V)
kHz
85°C
BUS
(
Ω)
(lrms)(mA)
Panasonic
25
330
0.090
1100
10 x 12,5
2
1
EEUFC1E331
FC, Radial
25
560
0.065
1205
12,5 x 15
1
1
EEUFC1E561S
FK, (SMD)
25
470
0.080
1100
10 x 10,2
2
1
EEVFK1E471P
FK, (SMD)
35
680
0.060
1100
12,5 x 13,5
1
1
EEVFK1V681Q
United Chemi-Con
MVZ, Aluminum (SMD)
16
680
0.090
670
10 x 10
1
1
MVZ16VC681MJ10TP
LXZ, Aluminium (Radial))
25
680
0.068
1050
10 x 16
1
1
LXZ16VB681M10X16LL
PS, Poly-Aluminum
16
330
0.014
5060
10 x 12,5
2
≤3
16PS330MJ12
(Radial)
PXA, Poly-Aluminum
16
330
0.014
5050
10 x 12,2
2
≤3
PXA16VCMJ12
(SMD)
Nichicon, Aluminum
25
560
0.060
1060
12,5 x 15
1
1
UPM1E561MHH6
HD, (Radial)
16
680
0.038
1440
10 x 16
1
1
UHD1C681MHR
PM, (Radial)
35
560
0.048
1360
16 x 15
1
1
UPM1V561MHH6
Panasonic, Poly-Aluminum
6.3
180
0.005
4000
7,3x4,3x4,2
N/R(2)
1(3)
EEFSE0J181R (VO≤ 5.1V)
SE, (SMD)
Sanyo, TPE Poscap (SMD)
10
330
0.025
3000
7,3x4,3x3,8
N/R(2)
≤4
10TPE330M
SEQP, Os-Con (Radial)
16
330
0.016
4720
10 x 13
2
≤3
16SEQP330M
SVP, Os-Con (SMD)
16
330
0.016
4700
10 x 12,6
2
≤3
16SVP330M
AVX, Tantalum, Series III
10
470
0.045
1723
7,3x5,7x4,1
N/R(2)
≤5(3)
TPSE477M010R0045 (VO≤ 5.1V)
TPS (SMD)
10
330
0.045
1723
7,3x5,7x4,1
N/R(2)
≤5(3)
TPSE337M010R0045 (VO≤ 5.1V)
Kemet, Poly-Tantalum
T520, (SMD)
10
330
0.040
1800
7,3x4,3x4
N/R(2)
≤5
T520X337M010AS
T530, (SMD)
10
330
0.010
5000
7,3x4,3x4
N/R(2)
1
T530X337M010ASE010
6.3
470
0.010
5000
7,3x4,3x4
N/R(2)
1(3)
T530X477M006ASE010
(VO≤ 5.1V)
Vishay-Sprague
595D, Tantalum (SMD)
10
470
0.100
1440
7,2x6x4,1
N/R(2)
≤5(3)
595D477X0010R2T (VO≤ 5.1V)
94SA, Os-con (Radial)
16
1,000
0.015
9740
16 x 25
1
≤2
94SA108X0016HBP
94SVP, Os-Con (SMD)
16
330
0.017
4580
10 x12,7
2
≤2
94SVP337X0016F12
Kemet, Ceramic X5R
16
10
0.002
-
1210 Case
1(4)
≤5
C1210C106M4PAC
(SMD)
6.3
47
0.002
3225 mm
N/R(2)
≤5
C1210C476K9PAC
Murata, Ceramic X5R
6.3
100
0.002
-
1210 Case
N/R(2)
≤3
GRM32ER60J107M
(SMD)
16
47
3225 mm
1(4)
≤5
GRM32ER61J476K
16
22
1(4)
≤5
GRM32ER61C226K
16
10
1(4)
≤5
GRM32DR61C106K
TDK, Ceramic X5R
6.3
100
0.002
-
1210 Case
N/R(2)
≤3
C3225X5R0J107MT
(SMD)
6.3
47
3225 mm
N/R(2)
≤5
C322X5R0J476MT
16
22
1(4)
≤5
C3225XR1C226MT
16
10
1(4)
≤5
C3225X5R1C106MT
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2)
N/R –Not recommended. The voltage rating does not meet the minimum operating limits.
(3)
The voltage rating of this capacitor only allows it to be used for output voltages that are equal to or less than 5.1 V.
(4)
Small ceramic capacitors may used to complement electrolytic types at the input to further reduce high-frequency ripple current.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PTH12030W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com