| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PTH12020LAH bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PTH12020LAH bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-Jun-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) PTH12020LAH Active Production Through-Hole Module (EUK) | 10 20 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH12020LAH.B Active Production Through-Hole Module (EUK) | 10 20 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH12020LAS Active Production Surface Mount Module (EUL) | 10 20 | TIW TRAY No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH12020LAS.B Active Production Surface Mount Module (EUL) | 10 20 | TIW TRAY No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH12020LAST Active Production Surface Mount Module (EUL) | 10 200 | SMALL T&R No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH12020LAZ Active Production Surface Mount Module (EUL) | 10 20 | TIW TRAY Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH12020LAZ.B Active Production Surface Mount Module (EUL) | 10 20 | TIW TRAY Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH12020LAZT Active Production Surface Mount Module (EUL) | 10 200 | SMALL T&R Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH12020LAZT.B Active Production Surface Mount Module (EUL) | 10 200 | SMALL T&R Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH12020WAD Active Production Through-Hole Module (EUK) | 10 20 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH12020WAD.B Active Production Through-Hole Module (EUK) | 10 20 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH12020WAH Active Production Through-Hole Module (EUK) | 10 20 | TIW TRAY In-Work SN N/A for Pkg Type -40 to 85 PTH12020WAH.B Active Production Through-Hole Module (EUK) | 10 20 | TIW TRAY In-Work SN N/A for Pkg Type -40 to 85 PTH12020WAS Active Production Surface Mount Module (EUL) | 10 20 | TIW TRAY No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH12020WAS.B Active Production Surface Mount Module (EUL) | 10 20 | TIW TRAY No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH12020WAST Active Production Surface Mount Module (EUL) | 10 200 | SMALL T&R No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 Addendum-Page 1 |