công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1802DBR bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện PCM1802DBR
Giải thích chi tiết về linh kiện  PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1802DBR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button PCM1802DBR Datasheet HTML 3Page - Texas Instruments PCM1802DBR Datasheet HTML 4Page - Texas Instruments PCM1802DBR Datasheet HTML 5Page - Texas Instruments PCM1802DBR Datasheet HTML 6Page - Texas Instruments PCM1802DBR Datasheet HTML 7Page - Texas Instruments PCM1802DBR Datasheet HTML 8Page - Texas Instruments PCM1802DBR Datasheet HTML 9Page - Texas Instruments PCM1802DBR Datasheet HTML 10Page - Texas Instruments PCM1802DBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
0.001
0.002
0.003
0.004
0
10
20
30
40
fSAMPLE Condition − kHz
44.1
96
48
fS = 48 kHz, System Clock = 256 fS,
Oversampling Ratio = ×128.
fS = 96 kHz, System Clock = 256 fS,
Oversampling Ratio = ×64.
G013
100
101
102
103
104
105
106
107
108
109
110
0
10
20
30
40
44.1
96
48
SNR
Dynamic Range
fSAMPLE Condition − kHz
fS = 48 kHz, System Clock = 256 fS,
Oversampling Ratio = ×128.
fS = 96 kHz, System Clock = 256 fS,
Oversampling Ratio = ×64.
G014
0.001
0.002
0.003
0.004
4.25
4.50
4.75
5.00
5.25
5.50
5.75
VCC − Supply Voltage − V
G011
100
101
102
103
104
105
106
107
108
109
110
4.25
4.50
4.75
5.00
5.25
5.50
5.75
VCC − Supply Voltage − V
SNR
Dynamic Range
G012
0.001
0.002
0.003
0.004
−50
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
G009
100
101
102
103
104
105
106
107
108
109
110
−50
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
SNR
Dynamic Range
G010
7
PCM1802
www.ti.com
SLES023D – DECEMBER 2001 – REVISED DECEMBER 2016
Product Folder Links: PCM1802
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
TA = 25°C, VCC = 5 V, VDD = 3.3 V, Master mode, fS = 44.1 kHz, system clock = 384 fS, oversampling ratio = ×128, and 24-bit
data (unless otherwise noted).
Figure 1. Total Harmonic Distortion + Noise
vs Free-Air Temperature
Figure 2. Dynamic Range and SNR
vs Free-Air Temperature
Figure 3. Total Harmonic Distortion + Noise
vs Supply Voltage
Figure 4. Dynamic Range and SNR vs Suppy Voltage
Figure 5. Total Harmonic Distortion + Noise
vs fSAMPLE Condition
Figure 6. Dynamic Range and SNR vs fSAMPLE Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com