| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPFIT04MS bảng dữ liệu(PDF) 12 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
SPFIT04MS bảng dữ liệu(HTML) 12 Page - Positronic. |
|
12 / 16 page ![]() Positronic Scorpion General Information connectpositronic.com THE SCIENCE OF CERTAINTY 12 SC Standard conductivity contacts HC High conductivity contacts *1 Contact Technical Sales for more details on additional contact sizes, material, finishes, and termination styles. REMOVABLE CRIMP CONTACTS PART NUMBER Size Gender Female Contact Style Stranded AWG [mm2] Sequential Mate FC112P2-PA907 SC #16 Female Closed entry #12 [4.0] FC112P2S-PA907 HC #16 Female Closed entry #12 [4.0] FC114P2-PA907 SC #16 Female Closed entry #14-16 [2.5-1.5] FC116P2-PA907 SC #16 Female Closed entry #16-18-20 [1.5-1.0-0.5] FC120P2-PA907 SC #16 Female Closed entry #20-22-24 [0.5-0.3-0.25] MC112N-133.5 SC #16 Male n/a #12 [4.0] First MC112NS-133.5 HC #16 Male n/a #12 [4.0] First MC112N SC #16 Male n/a #12 [4.0] MC112NS HC #16 Male n/a #12 [4.0] MC114N-133.5 SC #16 Male n/a #14-16 [2.5-1.5] First MC114N SC #16 Male n/a #14-16 [2.5-1.5] MC116N-133.5 SC #16 Male n/a #16-18-20 [1.5-1.0-0.5] First MC116N SC #16 Male n/a #16-18-20 [1.5-1.0-0.5] MC120N-133.5 SC #16 Male n/a #20-22-24 [0.5-0.3-0.25] First MC120N SC #16 Male n/a #20-22-24 [0.5-0.3-0.25] FC1816P2 SC #18 Female Closed entry #16-18 [1.5-1.0] FC1816P2S HC #18 Female Closed entry #16-18 [1.5-1.0] FC1820P2 SC #18 Female Closed entry #20 [0.5] FC1820P2S HC #18 Female Closed entry #20 [0.5] MC1816N-PA561 SC #18 Male n/a #16-18 [1.5-1.0] First MC1816NS-PA561 HC #18 Male n/a #16-18 [1.5-1.0] First MC1816N SC #18 Male n/a #16-18 [1.5-1.0] MC1816NS HC #18 Male n/a #16-18 [1.5-1.0] MC1820N-PA561 SC #18 Male n/a #20 [0.5] First MC1820NS-PA561 HC #18 Male n/a #20 [0.5] First MC1820N SC #18 Male n/a #20 [0.5] MC1820NS HC #18 Male n/a #20 [0.5] FC422P9 SC #22 Female Closed entry #22-26 [0.3-0.12] MC422N9 SC #22 Male n/a #22-26 [0.3-0.12] MC422N9-PA1116*1 SC #22 Male n/a #22-26 [0.3-0.12] *1 For use with alignment insert. NON-REMOVABLE CRIMP CONTACTS PART NUMBER Size Gender Female Contact Style Stranded AWG [mm2] FC422T-PA908 SC #22 Female Closed entry #22-26 [0.3-0.12] MC422T-PA908 SC #22 Male n/a #22-26 [0.3-0.12] NON-REMOVABLE HYPERBOLOID CRIMP CONTACTS PART NUMBER Size Gender Female Contact Style Stranded AWG [mm2] FC3124T SC 0.60 [0.0236] Female Closed entry #24-28 [0.25-0.08] MC3124T SC 0.60 [0.0236] Male n/a #24-28 [0.25-0.08] CONTACTS*1 |