| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MUX508IPWRG4.B bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX508IPWRG4.B bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 42 page ![]() 0.01 0.1 1 10 100 10 100 1k 10k 100k Frequency (Hz) C014 V DD = 15 V V SS = ±15 V V DD = 5 V V SS = ±5 V ±9 ±6 ±3 0 3 100k 1M 10M 100M 1G Frequency (Hz) C018 ±140 ±120 ±100 ±80 ±60 ±40 ±20 0 10k 100k 1M 10M 100M 1G Frequency (Hz) C012 Non-Adjacent Channel to D (Output) Adjacent Channel to D (Output) ±140 ±120 ±100 ±80 ±60 ±40 ±20 0 10k 100k 1M 10M 100M 1G Frequency (Hz) C013 Non-Adjacent Channels Adjacent Channels ±9 ±6 ±3 0 3 6 9 ±15 ±10 ±5 0 5 10 15 Drain voltage (V) C011 V DD = 12 V V SS = 0 V V DD = 10 V V SS = ±10 V V DD = 15 V V SS = ±15 V 0 30 60 90 120 150 ±75 ±50 ±25 0 25 50 75 100 125 150 Temperature ( ƒC) C010 t OFF (VDD = 15 V, VSS = ±15 V) t ON (VDD = 15 V, VSS = ±15 V) t OFF (VDD = 12 V, VSS = 0 V) t ON (VDD = 12 V, VSS = 0 V) 13 MUX508, MUX509 www.ti.com SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016 Product Folder Links: MUX508 MUX509 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated Typical Characteristics (continued) at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted) Drain-to-source Figure 13. Charge Injection vs Source or Drain Voltage Figure 14. Turn-On and Turn-Off Times vs Temperature Figure 15. Off Isolation vs Frequency Figure 16. Crosstalk vs Frequency Figure 17. THD+N vs Frequency Figure 18. On Response vs Frequency |