| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MUX508IPWR.B bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX508IPWR.B bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 42 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) MUX508ID Active Production SOIC (D) | 16 40 | TUBE Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 M36508D MUX508ID.B Active Production SOIC (D) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 M36508D MUX508IDR Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 M36508D MUX508IDR.B Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 M36508D MUX508IPW Active Production TSSOP (PW) | 16 90 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 MUX508B MUX508IPW.B Active Production TSSOP (PW) | 16 90 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 MUX508B MUX508IPWR Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 MUX508B MUX508IPWR.B Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 MUX508B MUX508IPWRG4.B Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 MUX508B MUX509ID Active Production SOIC (D) | 16 40 | TUBE Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 M36509D MUX509ID.B Active Production SOIC (D) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 M36509D MUX509IDR Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 M36509D MUX509IDR.B Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 M36509D MUX509IPW Active Production TSSOP (PW) | 16 90 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 MUX509C MUX509IPW.B Active Production TSSOP (PW) | 16 90 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 MUX509C MUX509IPWR Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 MUX509C MUX509IPWR.B Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 MUX509C MUX509IPWRG4.B Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 MUX509C (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |