công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F423IPM.B bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện MSP430F423IPM.B
Giải thích chi tiết về linh kiện  MSP430F42x Mixed-Signal Microcontrollers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F423IPM.B bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button MSP430F423IPM.B Datasheet HTML 24Page - Texas Instruments MSP430F423IPM.B Datasheet HTML 25Page - Texas Instruments MSP430F423IPM.B Datasheet HTML 26Page - Texas Instruments MSP430F423IPM.B Datasheet HTML 27Page - Texas Instruments MSP430F423IPM.B Datasheet HTML 28Page - Texas Instruments MSP430F423IPM.B Datasheet HTML 29Page - Texas Instruments MSP430F423IPM.B Datasheet HTML 30Page - Texas Instruments MSP430F423IPM.B Datasheet HTML 31Page - Texas Instruments MSP430F423IPM.B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
28
MSP430F427, MSP430F425, MSP430F423
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Detailed Description
Copyright © 2004–2016, Texas Instruments Incorporated
6.3
Operating Modes
The MSP430F42x has one active mode and five software-selectable low-power modes of operation. An
interrupt event can wake up the device from any of the five low-power modes, service the request, and
restore back to the low-power mode on return from the interrupt program.
Software can configure the following operating modes:
•
Active mode (AM)
–
All clocks are active.
•
Low-power mode 0 (LPM0)
–
CPU is disabled.
–
ACLK and SMCLK remain active, MCLK available to modules.
–
FLL+ loop control remains active.
•
Low-power mode 1 (LPM1)
–
CPU is disabled.
–
ACLK and SMCLK remain active, MCLK available to modules.
–
FLL+ loop control is disabled.
•
Low-power mode 2 (LPM2)
–
CPU is disabled.
–
MCLK, FLL+ loop control, and DCOCLK are disabled.
–
DC generator of the DCO remains enabled.
–
ACLK remains active.
•
Low-power mode 3 (LPM3)
–
CPU is disabled.
–
MCLK, FLL+ loop control, and DCOCLK are disabled.
–
DC generator of the DCO is disabled.
–
ACLK remains active.
•
Low-power mode 4 (LPM4)
–
CPU is disabled.
–
ACLK is disabled.
–
MCLK, FLL+ loop control, and DCOCLK are disabled.
–
DC generator of the DCO is disabled.
–
Crystal oscillator is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com