| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3954TL/NOPB bảng dữ liệu(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3954TL/NOPB bảng dữ liệu(HTML) 18 Page - Texas Instruments |
|
18 / 58 page ![]() ADDRESS 50H ADDRESS 51H ADDRESS 52H ADDRESS 55H ADDRESS 54H ADDRESS 53H COMMAND 1 COMMAND 2 COMMAND 3 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 IF 0000 0000 and 0000 0000 then Æ LOOP LOOP=1 Target values COMMAND EXECUTION TIME = CET1 CET2 TT3 CET3 TT2 RED BLUE GREEN TRANSITION TIME = TT1 TT1 > CET1 TT2 < CET2 TT3 < CET3 TRANSITION TIME = TT1 COMMAND EXECUTION TIME = CET1 CET2 TT3 CET3 TT2 RED BLUE GREEN TT < CET LP3954 SNVS340D – JUNE 2005 – REVISED MARCH 2013 www.ti.com The figure below shows an example of RGB CET and TT times. The command execution time also may be less than the transition time – the figure below illuminates this case. LOOP CONTROL Pattern generator commands can be looped using the LOOP bit (D1) in Pattern gen ctrl register (11H). If LOOP=1 the program will be looped from the command 8 register or if there is 0000 0000 and 0000 0000 in one command register. The loop will start from command 1 and continue until stopped by writing rgb_start=0 or loop=0. The example of loop is shown in following figure: 18 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LP3954 |