| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV761MA/NOPB bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV761MA/NOPB bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LMV761MA Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 125 LMV76 1MA LMV761MA/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 LMV76 1MA LMV761MA/NOPB.A Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 LMV76 1MA LMV761MAX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMV76 1MA LMV761MAX/NOPB.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMV76 1MA LMV761MF Obsolete Production SOT-23 (DBV) | 6 - - Call TI Call TI -40 to 125 C22A LMV761MF/NOPB Active Production SOT-23 (DBV) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 C22A LMV761MF/NOPB.A Active Production SOT-23 (DBV) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 C22A LMV761MFX Obsolete Production SOT-23 (DBV) | 6 - - Call TI Call TI -40 to 125 C22A LMV761MFX/NOPB Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 C22A LMV761MFX/NOPB.A Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 C22A LMV762MA Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 125 LMV7 62MA LMV762MA/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 LMV7 62MA LMV762MA/NOPB.A Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 LMV7 62MA LMV762MAX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMV7 62MA LMV762MAX/NOPB.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LMV7 62MA LMV762MM/NOPB Active Production VSSOP (DGK) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 C23A LMV762MM/NOPB.A Active Production VSSOP (DGK) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 C23A LMV762MMX Obsolete Production VSSOP (DGK) | 8 - - Call TI Call TI -40 to 125 C23A LMV762MMX/NOPB Active Production VSSOP (DGK) | 8 3500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 C23A LMV762MMX/NOPB.A Active Production VSSOP (DGK) | 8 3500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 C23A Addendum-Page 1 |