công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6715MA/NOPB bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện LMH6715MA/NOPB
Giải thích chi tiết về linh kiện  LMH6715 Dual Wideband Video Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6715MA/NOPB bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button LMH6715MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LMH6715
SNOSA10C – MAY 2002 – REVISED APRIL 2013
www.ti.com
NON-INVERTING CURRENT-FEEDBACK INTEGRATOR
The circuit of Figure 35 achieves its high speed integration by placing one of the LMH6715's amplifiers in the
feedback loop of the second amplifier configured as shown.
Figure 35. Current Feedback Integrator
LOW NOISE WIDE-BANDWIDTH TRANSIMPEDANCE AMPLIFIER
Figure 36 implements a low noise transimpedance amplifier using both channels of the LMH6715. This circuit
takes advantage of the lower input bias current noise of the non-inverting input and achieves negative feedback
through the second LMH6715 channel. The output voltage is set by the value of RF while frequency
compensation is achieved through the adjustment of RT.
Figure 36. Low-Noise, Wide Bandwidth, Transimpedance Amp.
14
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com