| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
810 bảng dữ liệu(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
810 bảng dữ liệu(HTML) 3 Page - 3M Electronics |
|
3 / 8 page ![]() 3 Electronic Solutions Division Interconnect Solutions http://www.3Mconnectors.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle 810 Series TS-0253-K Sheet 3 of 7 *Solder Thief Solder Pads (See Note 2) .050 ± .002 [1.27] .100 ± .002 [2.54] .045 - .060 [1.14] - [1.52] .025 - .035 [0.64] - [0.89] *Solder Thief Solder Pads required only on Solder side of PC Board. View A Ø.024 ± .003 Typ [0.64] .050 ± .002 Typ [1.27] Tolerance Noncumulative Flow Solder Direction Position 2 Position 1 .100 ± .002 [2.54] 2X Ø .109 ± .002 [2.77] Ø.024 ± .003 Typ [0.64] C ± .002 E .025 ± .002 [0.64] .355 Max [9.02] .305 Min [7.75] .160 ± .002 [4.06] View A Table 3 Ejector Latches Dimension E Min None .575 [14.61] Long 1.010 [25.65] Short .885 [22.48] Recommended Mounting Hole Pattern PTH Right Angle Header (shown for mounting side of PC Baord) Notes: 1. Recommended to process PC Boards through the solder bath such that the connector enters end first (two solder tails at a time). This will help prevent solder bridging. 2. A Dummy or Solder Thief Solder Pad at the end of each row is recommended on the bottom or solder side of the PC Board in order to help prevent solder bridging on the end solder tails. The solder thiefs are only required on the end of the rows which leave the solder bath last. 3. In order to facilitate soldering it is recommended that ejector latches be installed after the soldering process. |