| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMH6574MA/NOPB bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMH6574MA/NOPB bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 31 page ![]() 1 2 3 4 5 6 7 8 9 10 0 200 400 600 800 1000 1200 1400 1600 GAIN (V/V) V + SD 7 RF IN 3 + - 1 RIN0 IN 0 5 IN 2 3 IN 1 RIN3 RIN2 RIN1 10 8 12 13 11 9 14 6 V - RT A0 RT A1 VOUT ROUT RG RT EN RT 2, 4 13 LMH6574 www.ti.com SNCS103E – NOVEMBER 2004 – REVISED AUGUST 2018 Product Folder Links: LMH6574 Submit Documentation Feedback Copyright © 2004–2018, Texas Instruments Incorporated 7 Detailed Description 7.1 Functional Block Diagram 7.2 Feature Description 7.2.1 Video Performance The LMH6574 has been designed to provide excellent performance with production quality video signals in a wide variety of formats such as HDTV and High Resolution VGA. Best performance will be obtained with back- terminated loads. The back termination reduces reflections from the transmission line and effectively masks transmission line and other parasitic capacitances from the amplifier output stage. The Functional Block Diagram shows a typical configuration for driving a 75 Ω cable. The output buffer is configured for a gain of 2, so using back terminated loads will give a net gain of 1. 7.2.2 Feedback Resistor Selection Figure 27. Suggested RF vs Gain |