| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMC7221 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMC7221 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 24 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LMC7221AIM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LMC72 21AIM LMC7221AIM/NOPB.A Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LMC72 21AIM LMC7221AIM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LMC72 21AIM LMC7221AIM5 Obsolete Production SOT-23 (DBV) | 5 - - Call TI Call TI -40 to 85 C01A LMC7221AIM5/NOPB Obsolete Production SOT-23 (DBV) | 5 - - Call TI Call TI -40 to 85 C01A LMC7221AIM5X/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 C01A LMC7221AIM5X/NOPB.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C01A LMC7221AIMX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LMC72 21AIM LMC7221AIMX/NOPB.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LMC72 21AIM LMC7221AIMX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LMC72 21AIM LMC7221BIM Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 85 LMC72 21BIM LMC7221BIM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LMC72 21BIM LMC7221BIM/NOPB.A Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LMC72 21BIM LMC7221BIM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LMC72 21BIM LMC7221BIM5 Obsolete Production SOT-23 (DBV) | 5 - - Call TI Call TI -40 to 85 C01B LMC7221BIM5/NOPB Obsolete Production SOT-23 (DBV) | 5 - - Call TI Call TI -40 to 85 C01B LMC7221BIM5X/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 C01B LMC7221BIM5X/NOPB.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 C01B LMC7221BIMX Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 85 LMC72 21BIM LMC7221BIMX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LMC72 21BIM Addendum-Page 1 |