công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0800367 bảng dữ liệu(PDF) 1 Page - PHOENIX CONTACT

tên linh kiện 0800367
Giải thích chi tiết về linh kiện  WMS 6,4 (60X10)R - Shrink sleeve
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800367 bảng dữ liệu(HTML) 1 Page - PHOENIX CONTACT

  0800367 Datasheet HTML 1Page - PHOENIX CONTACT 0800367 Datasheet HTML 2Page - PHOENIX CONTACT 0800367 Datasheet HTML 3Page - PHOENIX CONTACT 0800367 Datasheet HTML 4Page - PHOENIX CONTACT 0800367 Datasheet HTML 5Page - PHOENIX CONTACT 0800367 Datasheet HTML 6Page - PHOENIX CONTACT 0800367 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, white, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLLMASTER 300/600, THERMOMARK ROLL X1, THERMOMARK ROLL,
THERMOMARK ROLL 2.0, THERMOMARK W, THERMOMARK X1.2, cable diameter range: 2.1
... 6.4 mm, unperforated, mounting type: slide-on, Number of individual labels: 250, text field
height: 10 mm, text field width: 60 mm
Product description
Due to their ladder-style format, the preassembled shrink sleeves in the WMS... product family provide a good overview and facilitate quick use.
After the printing and applying process, you have the option of shrinking the marked shrink sleeves by applying heat manually and thus fixing them
on the cable/wire.
Your advantages
Permanent and captive identification of single-core wires, wires, cables, pneumatic hoses, and other cylindrical objects
•
Ladder style design: For a good overview and to facilitate quick use, the sleeves are preassembled in cut lengths: 15 mm, 30 mm, or 60 mm
•
As an option, the sleeves can be shrunk by applying heat manually to fix the sleeve in position
•
High diameter coverage with a shrink ratio of 3:1
•
Widely used and proven worldwide in control cabinet and machine building, the oil and gas industry, and the railway industry
•
Commercial data
Item number
0800367
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG14
Product key
BG2216
GTIN
4046356626361
Weight per piece (including packing)
328.5 g
Weight per piece (excluding packing)
343 g
Customs tariff number
39173200
Country of origin
CN
WMS 6,4 (60X10)R - Shrink sleeve
0800367
https://www.phoenixcontact.com/us/products/0800367
Aug 18, 2025, 7:56AM
Page 1 (7)


Số phần tương tự - 0800367

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PHOENIX CONTACT
0800367 PHOENIX-0800367 Datasheet
6Mb / 76P
THERMOMARK LINE
More results

Mô tả tương tự - 0800367

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1583856 PHOENIX-1583856 Datasheet
51Kb / 2P
Sleeve housing - VC-K-T3-R-M25-PLOMB
1855107 PHOENIX-1855107 Datasheet
58Kb / 3P
Sleeve housing - VC-K-T2-R-M25
1855120 PHOENIX-1855120 Datasheet
59Kb / 3P
Sleeve housing - VC-K-T3-R-M25
1855133 PHOENIX-1855133 Datasheet
62Kb / 4P
Sleeve housing - VC-K-T4-R-M25
1202632 PHOENIX-1202632 Datasheet
50Kb / 2P
Stamping bit - PPS-ST (6,4)
0803719 PHOENIX-0803719 Datasheet
54Kb / 2P
Marker carriers - UBE/D (60X10)
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
2701134 PHOENIX-2701134 Datasheet
167Kb / 4P
Mounting adapter - FL EPA WMS
Dec 6, 2022
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com