công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1012 bảng dữ liệu(PDF) 2 Page - Adafruit Industries

tên linh kiện 1012
Giải thích chi tiết về linh kiện  USB WiFi (802.11b/g/n) Module: For Raspberry Pi and more
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADAFRUIT [Adafruit Industries]
Trang chủ  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1012 bảng dữ liệu(HTML) 2 Page - Adafruit Industries

  1012 Datasheet HTML 1Page - Adafruit Industries 1012 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details
o
RTl8192cu Chipset
o
Dimensions: 59mm x 18mm x 8mm
o
Sticks out 48mm (1.9") beyond USB port
o
Weight: 6g
o
Wireless Standards: IEEE 802.11n (draft), IEEE 802.11g, IEEE 802.11b
o
Host Interface: High speed USB2.0/1.1 interface
o
Data Rate: 802.11n: up to 150Mbps (downlink) and up to 150Mbps (uplink) , 802.11g: 54 / 48 / 36
/ 24 / 18/ 12 / 9 / 6 Mbps auto fallback, 802.11b: 11 / 5.5 / 2 / 1 Mbps auto fallback
o
Frequency Band: 2.4GHz ISM (Industrial Scientific Medical) Band/li>
o
Chipset: Realtek
o
RF Frequency: 2412 ~ 2462 MHz (North America), 2412 ~ 2472 MHz (Europe), 2412 ~ 2484
MHz (Japan)
o
Radio Channel: 1 ~ 14 channels (Universal Domain Selection)
o
Antenna Type: Integrated Antenna
o
Roaming: Full mobility and seamless roaming from cell to cell
o
RF Output Power: 13 ~17 dBm (Typical)
o
Modulation: 11n: BPSK, QPSK, 16QAM, 64QAM with OFDM, 11g: BPSK, QPSK, 16QAM,
64QAM, OFDM, 11b: DQPSK, DBPSK, DSSS, CCK
o
Data Security: 64/128-bit WEP Encryption
o
WPA, WPA-PSK, WPA2, WPA2-PSK. TKIP/AES
o
Network: Auto-switch to use 802.11n or 802.11g or 802.11b mode
o
Supports Ad-Hoc, Infrastructure WLAN network, Wireless roaming, Data rate auto fall-back
under noisy environment or longer range distance, Site Survey with Profile function
o
Configuration & Management: Plug-and-Play setup and installation, Management Utility supports
2000 / XP/ Vista
o
Media Access Control CSMA/CA with ACK
o
LED Indicator Link/Active ( Green )
o
Operating Temperature 0°C to 40°C
o
Storage Temperature -20°C to 75°C
o
Operating Humidity 10% ~ 90% (Non Condensing)
o
Storage Humidity 5% ~ 95% (Non Condensing)
o
Regulatory Compliance FCC (USA), CE Mark (Europe), RoHS Compliant, Wi-Fi Compliant
o
Requirements Available USB 2.0 port
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com