công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM8272MM/NOPB bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM8272MM/NOPB
Giải thích chi tiết về linh kiện  LM8272 Dual RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM8272MM/NOPB bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM8272MM/NOPB Datasheet HTML 1Page - Texas Instruments LM8272MM/NOPB Datasheet HTML 2Page - Texas Instruments LM8272MM/NOPB Datasheet HTML 3Page - Texas Instruments LM8272MM/NOPB Datasheet HTML 4Page - Texas Instruments LM8272MM/NOPB Datasheet HTML 5Page - Texas Instruments LM8272MM/NOPB Datasheet HTML 6Page - Texas Instruments LM8272MM/NOPB Datasheet HTML 7Page - Texas Instruments LM8272MM/NOPB Datasheet HTML 8Page - Texas Instruments LM8272MM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM8272
SNOS515F – OCTOBER 2000 – REVISED AUGUST 2015
www.ti.com
Table of Contents
A) Input Stage: ......................................................... 14
1
Features .................................................................. 1
7.2
B) Output Stage: ..................................................... 15
2
Applications ........................................................... 1
7.3
C) Output Voltage Swing Close to V−: .................... 15
3
Description ............................................................. 1
7.4
Driving Capactive Loads: ........................................ 16
4
Revision History..................................................... 2
7.5
Estimating the Output Voltage Swing ..................... 16
5
Pin Configuration and Functions ......................... 3
7.6
Output Short Circuit Current and Dissipation
6
Specifications......................................................... 4
Issues:...................................................................... 17
6.1
Absolute Maximum Ratings ...................................... 4
7.7
Other Application Hints: .......................................... 18
6.2
ESD Ratings.............................................................. 4
7.8
LM8272 Advantages: .............................................. 18
6.3
Recommended Operating Conditions ....................... 4
8
Device and Documentation Support.................. 19
6.4
Thermal Information .................................................. 4
8.1
Community Resources............................................ 19
6.5
5V Electrical Characteristics ..................................... 5
8.2
Trademarks ............................................................. 19
6.6
12V Electrical Characteristics ................................... 6
8.3
Electrostatic Discharge Caution .............................. 19
6.7
Typical Performance Characteristics ........................ 8
8.4
Glossary .................................................................. 19
7
Application and Implementation ........................ 14
9
Mechanical, Packaging, and Orderable
7.1
Block Diagram and Operational Description
Information ........................................................... 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (August 2014) to Revision F
Page
•
Changed pin 5 From: -IN B To: +IN B Non-Inverting Input B in the Pin Functions table ....................................................... 3
•
Changed pin 6 From: +IN B To: -IN B Inverting Input B in the Pin Functions table............................................................... 3
•
Moved "Storage temperature range" to the Absolute Maximum Ratings
(1) (2) ........................................................................ 4
•
Changed Handling Ratings To: ESD Ratings ........................................................................................................................ 4
Changes from Revision D (March 2013) to Revision E
Page
•
Changed data sheet structure and organization. Added, updated, or renamed the following sections: Device
Information Table, Application and Implementation; Power Supply Recommendations; Mechanical, Packaging, and
Ordering Information. ............................................................................................................................................................. 1
•
Deleted TJ = 25°C................................................................................................................................................................... 5
•
Deleted TJ = 25°C .................................................................................................................................................................. 6
Changes from Revision C (March 2013) to Revision D
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 18
2
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM8272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com