công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PXPPVC12FIM05BCL050PVC bảng dữ liệu(PDF) 2 Page - Bulgin Limited. All rights reserved.

tên linh kiện PXPPVC12FIM05BCL050PVC
Giải thích chi tiết về linh kiện  M12 Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Trang chủ  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM05BCL050PVC bảng dữ liệu(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PXPPVC12FIM05BCL050PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC12FIM05BCL050PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC12FIM05BCL050PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC12FIM05BCL050PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC12FIM05BCL050PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC12FIM05BCL050PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC12FIM05BCL050PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC12FIM05BCL050PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC12FIM05BCL050PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M12 connectors are established as one of the most reliable and
efficient connection standards for Industrial Machinery and Factory
Automation applications. With a small footprint, extremely low failure
rate and high performance capabilities, this range is ideal not only for
sensor connections but also for a variety of fieldbus systems.
These M12 Series circular connectors are rugged, easy to use
and extremely reliable solutions for sensor/actuator connectivity in
industrial automation and control applications. With an IP67 rating,
they are also extremely effective in harsh environments outside of
industrial automation applications where compact and dependable
connections with environmental protection are required.
Bulgin’s field attachable M12 connectors feature a robust aluminium
coupling nut, making them a lightweight and durable alternative to
the more common nickel-plated M12 nut variants and an
ideal plug and play solution for upgrading sensor
systems with M12 connectivity.
A-Coding
BUCCANEER
M12 Series
M12 Buccaneer
Bulgin’s M12 Series connectors are available in a variety of industry
standard keying/coding options to further minimize wiring errors and
serve a large variety of customer needs.
M12 Series coding options:
For industrial
Ethernets and PROFINET
Primarily for general
sensor-actuator
connections
For fieldbus and
signal connections
(PROFIBUS & INTERBUS systems)
B-Coding
D-Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16