| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXPPVC12FIM03ACL050PVC bảng dữ liệu(PDF) 6 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC12FIM03ACL050PVC bảng dữ liệu(HTML) 6 Page - Bulgin Limited. All rights reserved. |
|
6 / 16 page ![]() BUCCANEER M12 Series Nickel Plating M12 Flex Inline Body Male Part Number Poles Code Termination Mounting Nut PXMBNI12FIM03ASCPG7 03 A Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FIM04ASCPG7 04 A Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FIM05ASCPG7 05 A Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FIM08ASCPG7 08 A Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FIM12ASCPG7 12 A Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FIM05BSCPG7 05 B Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FIM04DSCPG7 04 D Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FIM03ASCPG9 03 A Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FIM04ASCPG9 04 A Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FIM05ASCPG9 05 A Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FIM08ASCPG9 08 A Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FIM12ASCPG9 12 A Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FIM05BSCPG9 05 B Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FIM04DSCPG9 04 D Solder Terminal PG9 Mounting / Gland Nut Thread Nickel Plating M12 Flex Body Female Part Number Poles Code Termination Mounting Nut PXMBNI12FBF03ASCPG7 03 A Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FBF04ASCPG7 04 A Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FBF05ASCPG7 05 A Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FBF08ASCPG7 08 A Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FBF12ASCPG7 12 A Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FBF05BSCPG7 05 B Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FBF04DSCPG7 04 D Solder Terminal PG7 Mounting / Gland Nut Thread PXMBNI12FBF03ASCPG9 03 A Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FBF04ASCPG9 04 A Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FBF05ASCPG9 05 A Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FBF08ASCPG9 08 A Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FBF12ASCPG9 12 A Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FBF05BSCPG9 05 B Solder Terminal PG9 Mounting / Gland Nut Thread PXMBNI12FBF04DSCPG9 04 D Solder Terminal PG9 Mounting / Gland Nut Thread ○ 3, 4, 5, 8 and 12 poles ○ Solder termination ○ Metal Flex Inline Body PXMBNI12FIM ○ 3, 4, 5, 8 and 12 poles ○ Solder termination ○ Metal Flex Body PXMBNI12FBF ○ Mates with Flex body and panel mount connectors ○ Mates with Flex Inline Body and panel mount connectors M12 Buccaneer 4 |