| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXPPVC12RAM05BCL100PVC bảng dữ liệu(PDF) 11 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC12RAM05BCL100PVC bảng dữ liệu(HTML) 11 Page - Bulgin Limited. All rights reserved. |
|
11 / 16 page ![]() BUCCANEER M12 Series M12 Right Angled Male PXPTPU12RAM Part Number Poles Code Termination Lead Length Cable Material PXPPVC12RAM03ACL010PVC 03 A Overmold Cable 1 M Lead Length PVC PXPTPU12RAM03ACL010PUR 03 A Overmold Cable 1 M Lead Length PUR PXPPVC12RAM03ACL020PVC 03 A Overmold Cable 2 M Lead Length PVC PXPTPU12RAM03ACL020PUR 03 A Overmold Cable 2 M Lead Length PUR PXPPVC12RAM03ACL030PVC 03 A Overmold Cable 3 M Lead Length PVC PXPTPU12RAM03ACL030PUR 03 A Overmold Cable 3 M Lead Length PUR PXPPVC12RAM03ACL050PVC 03 A Overmold Cable 5 M Lead Length PVC PXPTPU12RAM03ACL050PUR 03 A Overmold Cable 5 M Lead Length PUR PXPPVC12RAM03ACL100PVC 03 A Overmold Cable 10 M Lead Length PVC PXPTPU12RAM03ACL100PUR 03 A Overmold Cable 10 M Lead Length PUR PXPPVC12RAM03ACL150PVC 03 A Overmold Cable 15 M Lead Length PVC PXPTPU12RAM03ACL150PUR 03 A Overmold Cable 15 M Lead Length PUR PXPPVC12RAM04ACL010PVC 04 A Overmold Cable 1 M Lead Length PVC PXPTPU12RAM04ACL010PUR 04 A Overmold Cable 1 M Lead Length PUR PXPPVC12RAM04ACL020PVC 04 A Overmold Cable 2 M Lead Length PVC PXPTPU12RAM04ACL020PUR 04 A Overmold Cable 2 M Lead Length PUR PXPPVC12RAM04ACL030PVC 04 A Overmold Cable 3 M Lead Length PVC PXPTPU12RAM04ACL030PUR 04 A Overmold Cable 3 M Lead Length PUR PXPPVC12RAM04ACL050PVC 04 A Overmold Cable 5 M Lead Length PVC PXPTPU12RAM04ACL050PUR 04 A Overmold Cable 5 M Lead Length PUR PXPPVC12RAM04ACL100PVC 04 A Overmold Cable 10 M Lead Length PVC PXPTPU12RAM04ACL100PUR 04 A Overmold Cable 10 M Lead Length PUR PXPPVC12RAM04ACL150PVC 04 A Overmold Cable 15 M Lead Length PVC PXPTPU12RAM04ACL150PUR 04 A Overmold Cable 15 M Lead Length PUR PXPPVC12RAM05ACL010PVC 05 A Overmold Cable 1 M Lead Length PVC PXPTPU12RAM05ACL010PUR 05 A Overmold Cable 1 M Lead Length PUR PXPPVC12RAM05ACL020PVC 05 A Overmold Cable 2 M Lead Length PVC PXPTPU12RAM05ACL020PUR 05 A Overmold Cable 2 M Lead Length PUR PXPPVC12RAM05ACL030PVC 05 A Overmold Cable 3 M Lead Length PVC PXPTPU12RAM05ACL030PUR 05 A Overmold Cable 3 M Lead Length PUR PXPPVC12RAM05ACL050PVC 05 A Overmold Cable 5 M Lead Length PVC PXPTPU12RAM05ACL050PUR 05 A Overmold Cable 5 M Lead Length PUR PXPPVC12RAM05ACL100PVC 05 A Overmold Cable 10 M Lead Length PVC PXPTPU12RAM05ACL100PUR 05 A Overmold Cable 10 M Lead Length PUR PXPPVC12RAM05ACL150PVC 05 A Overmold Cable 15 M Lead Length PVC PXPTPU12RAM05ACL150PUR 05 A Overmold Cable 15 M Lead Length PUR PXPPVC12RAM08ACL010PVC 08 A Overmold Cable 1 M Lead Length PVC PXPTPU12RAM08ACL010PUR 08 A Overmold Cable 1 M Lead Length PUR ○ 3, 4, 5, 8 and 12 poles ○ 1,2,3,5,10 & 15M cable options ○ Overmold Flex Inline Body PXPPVC12RAM ○ Mates with Flex Body & panel mount connectors M12 Buccaneer 9 |