| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXPPVC12RAM05ACL100PVC bảng dữ liệu(PDF) 9 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC12RAM05ACL100PVC bảng dữ liệu(HTML) 9 Page - Bulgin Limited. All rights reserved. |
|
9 / 16 page ![]() BUCCANEER M12 Series M12 Flex Body Female PXPTPU12FBF Part Number Poles Code Termination Lead Length Cable Material PXPPVC12FBF03ACL010PVC 03 A Overmold Cable 1 M Lead Length PVC PXPTPU12FBF03ACL010PUR 03 A Overmold Cable 1 M Lead Length PUR PXPPVC12FBF03ACL020PVC 03 A Overmold Cable 2 M Lead Length PVC PXPTPU12FBF03ACL020PUR 03 A Overmold Cable 2 M Lead Length PUR PXPPVC12FBF03ACL030PVC 03 A Overmold Cable 3 M Lead Length PVC PXPTPU12FBF03ACL030PUR 03 A Overmold Cable 3 M Lead Length PUR PXPPVC12FBF03ACL050PVC 03 A Overmold Cable 5 M Lead Length PVC PXPTPU12FBF03ACL050PUR 03 A Overmold Cable 5 M Lead Length PUR PXPPVC12FBF03ACL100PVC 03 A Overmold Cable 10 M Lead Length PVC PXPTPU12FBF03ACL100PUR 03 A Overmold Cable 10 M Lead Length PUR PXPPVC12FBF03ACL150PVC 03 A Overmold Cable 15 M Lead Length PVC PXPTPU12FBF03ACL150PUR 03 A Overmold Cable 15 M Lead Length PUR PXPPVC12FBF04ACL010PVC 04 A Overmold Cable 1 M Lead Length PVC PXPTPU12FBF04ACL010PUR 04 A Overmold Cable 1 M Lead Length PUR PXPPVC12FBF04ACL020PVC 04 A Overmold Cable 2 M Lead Length PVC PXPTPU12FBF04ACL020PUR 04 A Overmold Cable 2 M Lead Length PUR PXPPVC12FBF04ACL030PVC 04 A Overmold Cable 3 M Lead Length PVC PXPTPU12FBF04ACL030PUR 04 A Overmold Cable 3 M Lead Length PUR PXPPVC12FBF04ACL050PVC 04 A Overmold Cable 5 M Lead Length PVC PXPTPU12FBF04ACL050PUR 04 A Overmold Cable 5 M Lead Length PUR PXPPVC12FBF04ACL100PVC 04 A Overmold Cable 10 M Lead Length PVC PXPTPU12FBF04ACL100PUR 04 A Overmold Cable 10 M Lead Length PUR PXPPVC12FBF04ACL150PVC 04 A Overmold Cable 15 M Lead Length PVC PXPTPU12FBF04ACL150PUR 04 A Overmold Cable 15 M Lead Length PUR PXPPVC12FBF05ACL010PVC 05 A Overmold Cable 1 M Lead Length PVC PXPTPU12FBF05ACL010PUR 05 A Overmold Cable 1 M Lead Length PUR PXPPVC12FBF05ACL020PVC 05 A Overmold Cable 2 M Lead Length PVC PXPTPU12FBF05ACL020PUR 05 A Overmold Cable 2 M Lead Length PUR PXPPVC12FBF05ACL030PVC 05 A Overmold Cable 3 M Lead Length PVC PXPTPU12FBF05ACL030PUR 05 A Overmold Cable 3 M Lead Length PUR PXPPVC12FBF05ACL050PVC 05 A Overmold Cable 5 M Lead Length PVC PXPTPU12FBF05ACL050PUR 05 A Overmold Cable 5 M Lead Length PUR PXPPVC12FBF05ACL100PVC 05 A Overmold Cable 10 M Lead Length PVC PXPTPU12FBF05ACL100PUR 05 A Overmold Cable 10 M Lead Length PUR PXPPVC12FBF05ACL150PVC 05 A Overmold Cable 15 M Lead Length PVC PXPTPU12FBF05ACL150PUR 05 A Overmold Cable 15 M Lead Length PUR PXPPVC12FBF08ACL010PVC 08 A Overmold Cable 1 M Lead Length PVC PXPTPU12FBF08ACL010PUR 08 A Overmold Cable 1 M Lead Length PUR PXPPVC12FBF ○ Mates with Flex Inline Body & panel mount connectors ○ 3, 4, 5, 8 and 12 poles ○ 1,2,3,5,10 & 15M cable options ○ Overmold Flex Body M12 Buccaneer 7 |