công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TOP225YN bảng dữ liệu(PDF) 18 Page - Power Integrations, Inc.

tên linh kiện TOP225YN
Giải thích chi tiết về linh kiện  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWERINT [Power Integrations, Inc.]
Trang chủ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP225YN bảng dữ liệu(HTML) 18 Page - Power Integrations, Inc.

Back Button TOP225YN Datasheet HTML 12Page - Power Integrations, Inc. TOP225YN Datasheet HTML 13Page - Power Integrations, Inc. TOP225YN Datasheet HTML 14Page - Power Integrations, Inc. TOP225YN Datasheet HTML 15Page - Power Integrations, Inc. TOP225YN Datasheet HTML 16Page - Power Integrations, Inc. TOP225YN Datasheet HTML 17Page - Power Integrations, Inc. TOP225YN Datasheet HTML 18Page - Power Integrations, Inc. TOP225YN Datasheet HTML 19Page - Power Integrations, Inc. TOP225YN Datasheet HTML 20Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Rev. G 08/16
18
TOP221-227
www.power.com
B
K
F
G
C
J
L
M
E
A
D
DIM
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
PI-1848-050602
inches
.460-.480
.400-.415
.236-.260
.240 - REF.
.520-.560
.028-.038
.045-.055
.090-.110
.165-.185
.045-.055
.095-.115
.015-.020
.705-.715
.146-.156
.103-.113
mm
11.68-12.19
10.16-10.54
5.99-6.60
6.10 - REF.
13.21-14.22
.71-.97
1.14-1.40
2.29-2.79
4.19-4.70
1.14-1.40
2.41-2.92
.38-.51
17.91-18.16
3.71-3.96
2.62-2.87
H
N
O
P
Notes:
1. Package dimensions conform
to JEDEC specification TO-220
AB for standard flange
mounted, peripheral lead
package; .100 inch lead
spacing (Plastic) 3 leads (issue
J, March 1987).
2. Controlling dimensions are
inches.
3. Pin numbers start with Pin 1,
and continue from left to right
when viewed from the top.
4. Dimensions shown do not
include mold flash or other
protrusions. Mold flash or
protrusions shall not exceed
.006 (.15 mm) on any side.
5. Position of terminals to be
measured at a position .25
(6.35 mm) from the body.
6. All terminals are solder plated.
7. Bent lead should be 12 mil
max.
Plastic TO-220/3
Y03A
PI-2076-081716
1
A
K
J1
4
L
G
8
5
C
N
PDIP-8 (P Package)
D S .004 (.10)
J2
-E-
-D-
B
-F-
DIM
A
B
C
G
H
J1
J2
K
L
M
N
P
Q
Inches
0.356-0.387
0.240-0.260
0.125-0.145
0.015-0.040
0.118-0.140
0.057-0.068
0.014-0.022
0.008-0.015
0.100 BSC
0.030 (MIN)
0.300-0.320
0.300-0.390
0.300 BSC
mm
9.05-9.83
6.10-6.60
3.18-3.68
0.38-1.02
3.00-3.56
1.45-1.73
0.36-0.56
0.20-0.38
2.54 BSC
0.76 (MIN)
7.62-8.13
7.62-9.91
7.62 BSC
Notes:
1. Package dimensions conform to JEDEC
specification MS-001-AB for standard dual in-line
(DIP) package .300 inch row spacing (PLASTIC)
8 leads (issue B, 7/85).
2. Controlling dimensions are inches.
3. Dimensions shown do not include mold flash
or other protrusions. Mold flash or protrusions
shall not exceed .006 (.15) on any side.
4. D, E and F are reference datums on the molded
body.
H
M
P
Q
P08A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com