| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TOP222YN bảng dữ liệu(PDF) 18 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP222YN bảng dữ liệu(HTML) 18 Page - Power Integrations, Inc. |
|
18 / 20 page ![]() Rev. G 08/16 18 TOP221-227 www.power.com B K F G C J L M E A D DIM A B C D E F G H J K L M N O P PI-1848-050602 inches .460-.480 .400-.415 .236-.260 .240 - REF. .520-.560 .028-.038 .045-.055 .090-.110 .165-.185 .045-.055 .095-.115 .015-.020 .705-.715 .146-.156 .103-.113 mm 11.68-12.19 10.16-10.54 5.99-6.60 6.10 - REF. 13.21-14.22 .71-.97 1.14-1.40 2.29-2.79 4.19-4.70 1.14-1.40 2.41-2.92 .38-.51 17.91-18.16 3.71-3.96 2.62-2.87 H N O P Notes: 1. Package dimensions conform to JEDEC specification TO-220 AB for standard flange mounted, peripheral lead package; .100 inch lead spacing (Plastic) 3 leads (issue J, March 1987). 2. Controlling dimensions are inches. 3. Pin numbers start with Pin 1, and continue from left to right when viewed from the top. 4. Dimensions shown do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15 mm) on any side. 5. Position of terminals to be measured at a position .25 (6.35 mm) from the body. 6. All terminals are solder plated. 7. Bent lead should be 12 mil max. Plastic TO-220/3 Y03A PI-2076-081716 1 A K J1 4 L G 8 5 C N PDIP-8 (P Package) D S .004 (.10) J2 -E- -D- B -F- DIM A B C G H J1 J2 K L M N P Q Inches 0.356-0.387 0.240-0.260 0.125-0.145 0.015-0.040 0.118-0.140 0.057-0.068 0.014-0.022 0.008-0.015 0.100 BSC 0.030 (MIN) 0.300-0.320 0.300-0.390 0.300 BSC mm 9.05-9.83 6.10-6.60 3.18-3.68 0.38-1.02 3.00-3.56 1.45-1.73 0.36-0.56 0.20-0.38 2.54 BSC 0.76 (MIN) 7.62-8.13 7.62-9.91 7.62 BSC Notes: 1. Package dimensions conform to JEDEC specification MS-001-AB for standard dual in-line (DIP) package .300 inch row spacing (PLASTIC) 8 leads (issue B, 7/85). 2. Controlling dimensions are inches. 3. Dimensions shown do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15) on any side. 4. D, E and F are reference datums on the molded body. H M P Q P08A |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |