| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXPPVC08FBF03ACL030PVC bảng dữ liệu(PDF) 7 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC08FBF03ACL030PVC bảng dữ liệu(HTML) 7 Page - Bulgin Limited. All rights reserved. |
|
7 / 9 page ![]() BUCCANEER M8 Series M8 Flex Body Female PXPTPU08FBF Part Number Poles Code Termination Lead Length Cable Material PXPPVC08FBF03ACL010PVC 03 A Overmold Cable 1 M Lead Length PVC PXPTPU08FBF03ACL010PUR 03 A Overmold Cable 1 M Lead Length PUR PXPPVC08FBF03ACL020PVC 03 A Overmold Cable 2 M Lead Length PVC PXPTPU08FBF03ACL020PUR 03 A Overmold Cable 2 M Lead Length PUR PXPPVC08FBF03ACL030PVC 03 A Overmold Cable 3 M Lead Length PVC PXPTPU08FBF03ACL030PUR 03 A Overmold Cable 3 M Lead Length PUR PXPPVC08FBF03ACL050PVC 03 A Overmold Cable 5 M Lead Length PVC PXPTPU08FBF03ACL050PUR 03 A Overmold Cable 5 M Lead Length PUR PXPPVC08FBF03ACL100PVC 03 A Overmold Cable 10 M Lead Length PVC PXPTPU08FBF03ACL100PUR 03 A Overmold Cable 10 M Lead Length PUR PXPPVC08FBF03ACL150PVC 03 A Overmold Cable 15 M Lead Length PVC PXPTPU08FBF03ACL150PUR 03 A Overmold Cable 15 M Lead Length PUR PXPPVC08FBF04ACL010PVC 04 A Overmold Cable 1 M Lead Length PVC PXPTPU08FBF04ACL010PUR 04 A Overmold Cable 1 M Lead Length PUR PXPPVC08FBF04ACL020PVC 04 A Overmold Cable 2 M Lead Length PVC PXPTPU08FBF04ACL020PUR 04 A Overmold Cable 2 M Lead Length PUR PXPPVC08FBF04ACL030PVC 04 A Overmold Cable 3 M Lead Length PVC PXPTPU08FBF04ACL030PUR 04 A Overmold Cable 3 M Lead Length PUR PXPPVC08FBF04ACL050PVC 04 A Overmold Cable 5 M Lead Length PVC PXPTPU08FBF04ACL050PUR 04 A Overmold Cable 5 M Lead Length PUR PXPPVC08FBF04ACL100PVC 04 A Overmold Cable 10 M Lead Length PVC PXPTPU08FBF04ACL100PUR 04 A Overmold Cable 10 M Lead Length PUR PXPPVC08FBF04ACL150PVC 04 A Overmold Cable 15 M Lead Length PVC PXPTPU08FBF04ACL150PUR 04 A Overmold Cable 15 M Lead Length PUR PXPPVC08FBF05BCL010PVC 05 B Overmold Cable 1 M Lead Length PVC PXPTPU08FBF05BCL010PUR 05 B Overmold Cable 1 M Lead Length PUR PXPPVC08FBF05BCL020PVC 05 B Overmold Cable 2 M Lead Length PVC PXPTPU08FBF05BCL020PUR 05 B Overmold Cable 2 M Lead Length PUR PXPPVC08FBF05BCL030PVC 05 B Overmold Cable 3 M Lead Length PVC PXPTPU08FBF05BCL030PUR 05 B Overmold Cable 3 M Lead Length PUR PXPPVC08FBF05BCL050PVC 05 B Overmold Cable 5 M Lead Length PVC PXPTPU08FBF05BCL050PUR 05 B Overmold Cable 5 M Lead Length PUR PXPPVC08FBF05BCL100PVC 05 B Overmold Cable 10 M Lead Length PVC PXPTPU08FBF05BCL100PUR 05 B Overmold Cable 10 M Lead Length PUR PXPPVC08FBF05BCL150PVC 05 B Overmold Cable 15 M Lead Length PVC PXPTPU08FBF05BCL150PUR 05 B Overmold Cable 15 M Lead Length PUR ○ Available in 3, 4 and 5 poles ○ 1,2,3,5,10 & 15M cable options ○ Overmold Flex Body PXPPVC08FBF ○ Mates with Flex Inline Body & panel mount connectors M8 Buccaneer 6 |