công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM385LP-2-5 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện LM385LP-2-5
Giải thích chi tiết về linh kiện  LMx85-2.5, LM385B-2.5 Micropower Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM385LP-2-5 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM385LP-2-5 Datasheet HTML 4Page - Texas Instruments LM385LP-2-5 Datasheet HTML 5Page - Texas Instruments LM385LP-2-5 Datasheet HTML 6Page - Texas Instruments LM385LP-2-5 Datasheet HTML 7Page - Texas Instruments LM385LP-2-5 Datasheet HTML 8Page - Texas Instruments LM385LP-2-5 Datasheet HTML 9Page - Texas Instruments LM385LP-2-5 Datasheet HTML 10Page - Texas Instruments LM385LP-2-5 Datasheet HTML 11Page - Texas Instruments LM385LP-2-5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Q3
Q1
Q4
Q7
Q2
Q5
20 pF
20 pF
Q6
Q8
Q12
Q11
Q13
Q10
Q9
Q14
CATHODE
ANODE
500 kΩ
500 kΩ
300 kΩ
200 kΩ
50 kΩ
500 Ω
60 kΩ
100 kΩ
600 kΩ
7.5 kΩ
8
LM285-2.5, LM385-2.5, LM385B-2.5
SLVS023L – JANUARY 1989 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: LM285-2.5 LM385-2.5 LM385B-2.5
Submit Documentation Feedback
Copyright © 1989–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMx85-2.5 and LM385B-2.5 devices maintain a nearly constant voltage between the cathode and anode of
2.5 V when the minimum cathode current up to the recommended maximum is provided. See Recommended
Operating Conditions for recommended minimum cathode current.
7.2 Functional Block Diagram
7.3 Feature Description
A band-gap voltage reference controls a high-gain amplifier and shunt pass element to maintain a nearly
constant voltage between the cathode and anode of 2.5 V. Regulation occurs after a minimum current is
provided to power the voltage divider and amplifier. Internal frequency compensation provides a stable loop for
all capacitive loads. Floating shunt design is useful for both positive and negative regulation applications.
7.4 Device Functional Modes
The LMx85-2.5 and LM385B-2.5 devices have a single functional mode. These devices can be used as 2.5-V
fixed voltage references. The reference voltage cannot be adjusted for these devices.
For a proper Reverse Voltage to be developed, current must be sourced into the cathode of LM285. The
minimum current needed for proper regulation is denoted in Electrical Characteristics as IZ(MIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com