| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXPPVC05RAM04ACL100PVC bảng dữ liệu(PDF) 6 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC05RAM04ACL100PVC bảng dữ liệu(HTML) 6 Page - Bulgin Limited. All rights reserved. |
|
6 / 8 page ![]() BUCCANEER M5 Series M5 Flex Body Female PXPTPU05FBF Part Number Poles Code Termination Lead Length Cable Material PXPPVC05FBF03ACL010PVC 03 A Overmold Cable 1 M Lead Length PVC PXPTPU05FBF03ACL010PUR 03 A Overmold Cable 1 M Lead Length PUR PXPPVC05FBF03ACL020PVC 03 A Overmold Cable 2 M Lead Length PVC PXPTPU05FBF03ACL020PUR 03 A Overmold Cable 2 M Lead Length PUR PXPPVC05FBF03ACL030PVC 03 A Overmold Cable 3 M Lead Length PVC PXPTPU05FBF03ACL030PUR 03 A Overmold Cable 3 M Lead Length PUR PXPPVC05FBF03ACL050PVC 03 A Overmold Cable 5 M Lead Length PVC PXPTPU05FBF03ACL050PUR 03 A Overmold Cable 5 M Lead Length PUR PXPPVC05FBF03ACL100PVC 03 A Overmold Cable 10 M Lead Length PVC PXPTPU05FBF03ACL100PUR 03 A Overmold Cable 10 M Lead Length PUR PXPPVC05FBF03ACL150PVC 03 A Overmold Cable 15 M Lead Length PVC PXPTPU05FBF03ACL150PUR 03 A Overmold Cable 15 M Lead Length PUR PXPPVC05FBF04ACL010PVC 04 A Overmold Cable 1 M Lead Length PVC PXPTPU05FBF04ACL010PUR 04 A Overmold Cable 1 M Lead Length PUR PXPPVC05FBF04ACL020PVC 04 A Overmold Cable 2 M Lead Length PVC PXPTPU05FBF04ACL020PUR 04 A Overmold Cable 2 M Lead Length PUR PXPPVC05FBF04ACL030PVC 04 A Overmold Cable 3 M Lead Length PVC PXPTPU05FBF04ACL030PUR 04 A Overmold Cable 3 M Lead Length PUR PXPPVC05FBF04ACL050PVC 04 A Overmold Cable 5 M Lead Length PVC PXPTPU05FBF04ACL050PUR 04 A Overmold Cable 5 M Lead Length PUR PXPPVC05FBF04ACL100PVC 04 A Overmold Cable 10 M Lead Length PVC PXPTPU05FBF04ACL100PUR 04 A Overmold Cable 10 M Lead Length PUR PXPPVC05FBF04ACL150PVC 04 A Overmold Cable 15 M Lead Length PVC PXPTPU05FBF04ACL150PUR 04 A Overmold Cable 15 M Lead Length PUR PXPPVC05FBF ○ Available in 3 and 4 poles ○ Overmold Flex Body ○ 1,2,3,5,10 & 15M cable options ○ Mates with Flex Inline Body & panel mount connectors M5 Buccaneer 5 |