| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXPPVC05RAM04ACL010PVC bảng dữ liệu(PDF) 5 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC05RAM04ACL010PVC bảng dữ liệu(HTML) 5 Page - Bulgin Limited. All rights reserved. |
|
5 / 8 page ![]() BUCCANEER M5 Series M5 Right Angled Male PXPTPU05RAM Part Number Poles Code Termination Lead Length Cable Material PXPPVC05RAM03ACL010PVC 03 A Overmold Cable 1 M Lead Length PVC PXPTPU05RAM03ACL010PUR 03 A Overmold Cable 1 M Lead Length PUR PXPPVC05RAM03ACL020PVC 03 A Overmold Cable 2 M Lead Length PVC PXPTPU05RAM03ACL020PUR 03 A Overmold Cable 2 M Lead Length PUR PXPPVC05RAM03ACL030PVC 03 A Overmold Cable 3 M Lead Length PVC PXPTPU05RAM03ACL030PUR 03 A Overmold Cable 3 M Lead Length PUR PXPPVC05RAM03ACL050PVC 03 A Overmold Cable 5 M Lead Length PVC PXPTPU05RAM03ACL050PUR 03 A Overmold Cable 5 M Lead Length PUR PXPPVC05RAM03ACL100PVC 03 A Overmold Cable 10 M Lead Length PVC PXPTPU05RAM03ACL100PUR 03 A Overmold Cable 10 M Lead Length PUR PXPPVC05RAM03ACL150PVC 03 A Overmold Cable 15 M Lead Length PVC PXPTPU05RAM03ACL150PUR 03 A Overmold Cable 15 M Lead Length PUR PXPPVC05RAM04ACL010PVC 04 A Overmold Cable 1 M Lead Length PVC PXPTPU05RAM04ACL010PUR 04 A Overmold Cable 1 M Lead Length PUR PXPPVC05RAM04ACL020PVC 04 A Overmold Cable 2 M Lead Length PVC PXPTPU05RAM04ACL020PUR 04 A Overmold Cable 2 M Lead Length PUR PXPPVC05RAM04ACL030PVC 04 A Overmold Cable 3 M Lead Length PVC PXPTPU05RAM04ACL030PUR 04 A Overmold Cable 3 M Lead Length PUR PXPPVC05RAM04ACL050PVC 04 A Overmold Cable 5 M Lead Length PVC PXPTPU05RAM04ACL050PUR 04 A Overmold Cable 5 M Lead Length PUR PXPPVC05RAM04ACL100PVC 04 A Overmold Cable 10 M Lead Length PVC PXPTPU05RAM04ACL100PUR 04 A Overmold Cable 10 M Lead Length PUR PXPPVC05RAM04ACL150PVC 04 A Overmold Cable 15 M Lead Length PVC PXPTPU05RAM04ACL150PUR 04 A Overmold Cable 15 M Lead Length PUR PXPPVC05RAM ○ Available in 3 and 4 poles ○ 1,2,3,5,10 & 15M cable options ○ Overmold Flex Inline Body ○ Mates with Flex Body & panel mount connectors M5 Buccaneer 4 |