| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PEX2S1050 bảng dữ liệu(PDF) 3 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
PEX2S1050 bảng dữ liệu(HTML) 3 Page - StarTech.com Ltd. |
|
3 / 4 page ![]() Certifications, Reports and Compatibility Applications • Manufacturing (CNC machinery, process control equipment, bar code scanners, serial printers) • POS (credit/debit card readers, receipt printers, bar code scanners, cash registers, scales) • Consumer (modems, PDAs, digital cameras, printers) • Security (UPS control, access key panels, video cameras, card readers, modems) • Casino (video lottery terminals, slot machines) • Environmental Control (lighting, temperature, clocks) • Healthcare (patient monitoring equipment, nurses' stations, modems) • Hotel Front Desk (serial printers, bar code scanners, keyboard, mouse, receipt printer, credit/debit card reader) • Hospitality/Restaurant (credit card/debit card reader, serial printers) • ISDN Networking Features • Dual-channel 16C1050 UART for full compatibility with 16C1050 devices • Maximum data transfer rate of 460Kbps • Compliant with PCI Express 1.0a specification, compatible with 1x, 2x, 4x, 8x, and 16x PCIe bus • 256-Byte deep FIFO per transmitter and receiver • In-band software flow control using programmable Xon/Xoff in both directions • Out-of-band hardware flow control using RTS / CTS • Support for 5,6,7 or 8 data bits • Standard profile bracket installed, optional dual low-profile brackets included www.startech.com/uk 0800 169 0408 |