công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R585CSX124 bảng dữ liệu(PDF) 3 Page - GIACOMINI WATER E-MOTION

tên linh kiện R585CSX124
Giải thích chi tiết về linh kiện  Modular manifolds in nickel-plated brass, for domestic water, outlets 3/4”E
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIACOMINI [GIACOMINI WATER E-MOTION]
Trang chủ  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R585CSX124 bảng dữ liệu(HTML) 3 Page - GIACOMINI WATER E-MOTION

  R585CSX124 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R585CSX124 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R585CSX124 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R585CSX124 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R585CSX124 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923111 - giacomini.com
Installing the handwheel plates
The handwheels (A) are connected to the shut-off cock with
a screw (D) and include two metal plates:
- plate (B) shows the corresponding usage point (eg. shower,
basin, etc.);
- plate (C) goes over plate (B) and features a blue side and a
red side to promptly identify if hot or cold domestic water
is flowing through the manifold.
This enables to streamline the quantity of stocked products.
D
A
B
C
Installation in R599 cabinet
R585CS /2+R585CS /3
R585CS/3
R598K
R594CS
R859
R859
R594CS
R599
The assembly of the manifolds inside the R599 cabinet using
the appropriate R598K sliding supports is carried out using
horizontal guide rails, and therefore without constraints on
positioning. In addition, by taking advantage of the large
openings in the lower part of the cabinet, users can easily
install manifolds with different center distances.
The cabinet door can be opened without the need of special
tools, with a view to enabling rapid intervention to be carried
out on the shut-off cocks, whilst closure is maintained by the
solid joints attached to the surface of the frame.
The example image shows the R585CS manifolds with R594CS
end caps and R859 ball valves, installed in the R599 cabinet.
For cold domestic water are used two R585CS manifolds
with 2 and 3 outlets, mounted in series with each other.
For hot domestic water is used a R585CS manifold with 3
outlets.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com