công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G407 bảng dữ liệu(PDF) 1 Page - Multicomp Pro

tên linh kiện G407
Giải thích chi tiết về linh kiện  Handheld Enclosures
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MULTICOMP [Multicomp Pro]
Trang chủ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

G407 bảng dữ liệu(HTML) 1 Page - Multicomp Pro

  G407 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
06/05/20
Handheld Enclosures
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
Specifications:
Material
: Acrylonitrile Butadiene Styrene (ABS) UL94-V0
Base / Cover-Colour : Dark Grey (RAL7000)
Panel-Colour
: Light Grey (RAL7035)
Diagram
A
B
C
D
E
F
G
H
I
J
K
Part Number
90
83
50
27.5
35
40.5
50
79.4
68
42.5
16
G401
24
G403
32
G404
120
111
80
26
44
60
108
98
72
30
G407
40
G410
50
G412
150
138
110
46
55
64
80
138
128
100
30
G413
45
G416
60
G418
190
180
150
65
75
83
100
176
168
140
40
G421
60
G422
80
G425
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Số phần tương tự - G407

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
G40 MACOM-G40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
M/A-COM Technology Solu...
G40 MA-COM-G40 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
XP Power Limited
G40 XPPOWER-G40 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G40 XPPOWER-G40 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
24 Jan 2022
logo
TDK Electronics
G40-125-3P208 TDK-G40-125-3P208 Datasheet
118Kb / 2P
Programmable Power Supplies
More results

Mô tả tương tự - G407

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Extech Instruments Corp...
380260 EXTECH-380260_15 Datasheet
213Kb / 1P
Handheld Megohmmeter
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
Agilent U1240 Series Handheld Handheld
logo
Keysight Technologies
N9912A-312 KEYSIGHT-N9912A-312 Datasheet
2Mb / 34P
Handheld Analyzer
logo
Pepperl+Fuchs Inc.
OHV10-F228-R2 PF-OHV10-F228-R2 Datasheet
4Mb / 3P
Handheld reader
OHV110-F228-R2 PF-OHV110-F228-R2 Datasheet
835Kb / 5P
Handheld reader
OHV200-F220-B15 PF-OHV200-F220-B15 Datasheet
212Kb / 2P
Handheld reader
OHV1000-F223-R2 PF-OHV1000-F223-R2 Datasheet
242Kb / 2P
Handheld reader
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
Handheld
2022-05-19
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
Handheld
2022-05-06
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com