| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO7340C bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7340C bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 38 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ISO7340CDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340C ISO7340CDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340C ISO7340CDW.B Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340C ISO7340CDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340C ISO7340CDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340C ISO7340CDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340C ISO7340FCDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340FC ISO7340FCDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340FC ISO7340FCDW.B Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340FC ISO7340FCDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340FC ISO7340FCDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340FC ISO7340FCDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7340FC ISO7341CDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341C ISO7341CDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341C ISO7341CDW.B Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341C ISO7341CDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341C ISO7341CDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341C ISO7341CDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341C ISO7341FCDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341FC ISO7341FCDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341FC ISO7341FCDW.B Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341FC ISO7341FCDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341FC ISO7341FCDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341FC ISO7341FCDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7341FC ISO7342CDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7342C ISO7342CDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7342C ISO7342CDW.B Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7342C ISO7342CDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7342C ISO7342CDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO7342C Addendum-Page 1 |