| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA129MDREP.A bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA129MDREP.A bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 27 page ![]() A 1 A 2 A 3 40 kW 40 kW 40 kW 40 kW V IN 2 1 8 3 6 5 V IN R G V+ V- Ref V O G = 1 + 49.4 kW R G + 4 7 INA129 Over-Voltage Protection Over-Voltage Protection 24.7 kW 24.7 kW - INA129-EP www.ti.com SBOS508A – DECEMBER 2009 – REVISED DECEMBER 2015 7 Detailed Description 7.1 Overview The INA129-EP instrumentation amplifier is a type of differential amplifier that has been outfitted with input protection circuit and input buffer amplifiers, which eliminate the need for input impedance matching and make the amplifier particularly suitable for use in measurement and test equipment. Additional characteristics of the INA129-EP include a very low DC offset, low drift, low noise, very high open-loop gain, very high common-mode rejection ratio, and very high input impedances. The INA129-EP is used where great accuracy and stability of the circuit both short and long-term are required. 7.2 Functional Block Diagram 7.3 Feature Description The INA129-EP device is a low power, general-purpose instrumentation amplifier that offers excellent accuracy. The versatile three-operational-amplifier design and small size make the amplifier ideal for a wide range of applications. Current-feedback input circuitry provides wide bandwidth, even at high gain. A single external resistor sets any gain from 1 to 10,000. The INA129-EP device is laser trimmed for very low offset voltage (50 μV) and high common-mode rejection (93 dB at G ≥ 100). This device operates with power supplies as low as ±2.25 V, and quiescent current of 2 mA, typically. The internal input protection can withstand up to ±40 V without damage. Copyright © 2009–2015, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: INA129-EP |