công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS124A bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SNLS124A
Giải thích chi tiết về linh kiện  DS90C383/DS90CF384 3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS124A bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SNLS124A Datasheet HTML 1Page - Texas Instruments SNLS124A Datasheet HTML 2Page - Texas Instruments SNLS124A Datasheet HTML 3Page - Texas Instruments SNLS124A Datasheet HTML 4Page - Texas Instruments SNLS124A Datasheet HTML 5Page - Texas Instruments SNLS124A Datasheet HTML 6Page - Texas Instruments SNLS124A Datasheet HTML 7Page - Texas Instruments SNLS124A Datasheet HTML 8Page - Texas Instruments SNLS124A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Input Voltage
−0.3V to (V
CC + 0.3V)
CMOS/TTL Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Receiver Input Voltage
−0.3V to (V
CC + 0.3V)
LVDS Driver Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Output Short Circuit
Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec for TSSOP)
+260˚C
Solder Reflow Temperature
(20 sec for FBGA)
+220˚C
Maximum Package Power Dissipation Capacity 25˚C
MTD56 (TSSOP) Package:
DS90C383MTD
1.63 W
DS90CF384MTD
1.61 W
Package Derating:
DS90C383MTD
12.5 mW/˚C above +25˚C
DS90CF384MTD
12.4 mW/˚C above +25˚C
Maximum Package Power Dissipation Capacity 25˚C
SLC64A Package:
DS90C383SLC
2.0 W
DS90CF384SLC
2.0 W
Package Derating:
DS90C383SLC
10.2 mW/˚C above +25˚C
DS90CF384SLC
10.2 mW/˚C above +25˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
> 7kV
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (V
CC)
100
mV
PP
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
OH
High Level Output Voltage
I
OH = −0.4 mA
2.7
3.3
V
V
OL
Low Level Output Voltage
I
OL = 2 mA
0.06
0.3
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.79
−1.5
V
I
IN
Input Current
V
IN =VCC, GND, 2.5V or 0.4V
±5.1
±10
µA
I
OS
Output Short Circuit Current
V
OUT = 0V
−60
−120
mA
LVDS DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100Ω
250
345
450
mV
∆V
OD
Change in V
OD between
35
mV
complimentary output states
V
OS
Offset Voltage (Note 4)
1.125
1.25
1.375
V
∆V
OS
Change in V
OS between
35
mV
complimentary output states
I
OS
Output Short Circuit Current
V
OUT = 0V, RL = 100Ω
−3.5
−5
mA
I
OZ
Output TRI-STATE® Current
Power Down = 0V,
±1
±10
µA
V
OUT =0VorVCC
V
TH
Differential Input High Threshold
V
CM = +1.2V
+100
mV
V
TL
Differential Input Low Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V, VCC = 3.6V
±10
µA
V
IN = 0V, VCC = 3.6V
±10
µA
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
R
L = 100Ω,
C
L = 5 pF,
f = 32.5 MHz
31
45
mA
Worst Case
Worst Case Pattern
f = 37.5 MHz
32
50
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30