| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E999/NEO bảng dữ liệu(PDF) 1 Page - Eclipse Magnetics Ltd |
|
|
|||||||||||||||||||||||||||||
E999/NEO bảng dữ liệu(HTML) 1 Page - Eclipse Magnetics Ltd |
|
|
1 / 1 page ![]() These Neodymium Shallow Pot Magnets feature a countersunk hole to accommodate screw fixings. They are ideal for applications where magnets are used closing mechanisms, where the screw head must be concealed, such as cabinet doors, drawers, gate latches and door holdings. • Strongest magnetic performance • Zinc plated body • With countersunk hole for screw fixings • Ideal for restricted space closure and fixing applications Neodymium shallow pot magnets datasheet Countersunk hole Product Information Eclipse Magnetics Product No. Dia. (mm) Height (mm) Hole Size Screw Head Size Weight (g) Pull Force (kg) Pack size E998/NEO 10 4.5 3 M3 2 1.3 20 E999/NEO 13 4.5 3 M3 3 3 20 E1000/NEO 16 4.5 3.5 M3 6 7.5 20 E1001/NEO 20 6 4.5 M4 13 10.5 10 E1002/NEO 25 7 4.5 M4 24 16 10 E1003/NEO 32 7 5.5 M5 39 31 10 E1004/NEO 40 8 5.5 M5 50 50 5 E1005/NEO 48 11.5 8.5 M8 120 87 1 Innovative Magnetic Solutions |
Số phần tương tự - E999/NEO |
|
Mô tả tương tự - E999/NEO |