| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INLC10AQ-R4.5 bảng dữ liệu(PDF) 25 Page - inova Semiconductors |
|
|
|||||||||||||||||||||||||||||
INLC10AQ-R4.5 bảng dữ liệu(HTML) 25 Page - inova Semiconductors |
|
25 / 35 page ![]() Datasheet DS_INLC10AQ Revision 1.0_B Inova Semiconductors Confidential Page 25 of 35 4.4 Temperature Detection For temperature detection, the controller chip provides an analog temperature sensor. This can be read back via the ADC and the API command digLED_Read_Temp. The return value ADCTemp alone is not sufficient for detecting the temperature. The TempOffset parameter, which is used for the electrical calibration of the temperature sensor, must also be known for this purpose. The value is stored in the eFuse memory of the device and can be read out via the API command digLED_Read_Param. Figure 18 – Temperature detection Parameter Description Diagnostic API command Unit ADCTemp ADC temperature value. Varies vs. junction temperature. digLED_Read_Temp digit TempOffset Temperature sensor offset value. Constant calibration value. Single readout is sufficient. digLED_Read_Param digit Table 23 – Temperature detection parameters With ADCTemp, TempOffset and the equation of Table 24, the junction temperature of the device can be determined. Parameter Description Equation Unit Tj, det Detected junction temperature Tj,det = (TempOffset + 94.57 - ADCTemp) / 0.87 °C Table 24 – Temperature detection |