công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV604PWPR bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện DRV604PWPR
Giải thích chi tiết về linh kiện  DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604PWPR bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button DRV604PWPR Datasheet HTML 5Page - Texas Instruments DRV604PWPR Datasheet HTML 6Page - Texas Instruments DRV604PWPR Datasheet HTML 7Page - Texas Instruments DRV604PWPR Datasheet HTML 8Page - Texas Instruments DRV604PWPR Datasheet HTML 9Page - Texas Instruments DRV604PWPR Datasheet HTML 10Page - Texas Instruments DRV604PWPR Datasheet HTML 11Page - Texas Instruments DRV604PWPR Datasheet HTML 12Page - Texas Instruments DRV604PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
OPAMP
Co
MuteCircuit
Output
MUTE
9-12 V
+
+
+
-
ConventionalSolution
DRV604
MuteCircuit
Output
MUTE
3.3V
+
-
DRV604Solution
VDD
VSS
GND
VDD
VDD/2
GND
DirectPath
DRV604
www.ti.com
SLOS659A – JANUARY 2010 – REVISED APRIL 2010
APPLICATION INFORMATION
LINE DRIVER AMPLIFIERS
Single-supply headphone and line driver amplifiers typically require dc-blocking capacitors. The top drawing in
Figure 13 illustrates the conventional line driver amplifier connection to the load and output signal.
DC blocking capacitors for headphone amps are often large in value, and a mute circuit is needed during power
up to minimize click and pop for both headphone and line driver. The output capacitors and mute circuits
consume PCB area and increase cost of assembly, and can reduce the fidelity of the audio output signal.
Figure 13. Conventional and DirectPath HP and Line Driver
The DirectPath™ amplifier architecture operates from a single supply but makes use of an internal charge pump
to provide a negative voltage rail.
Combining the user provided positive rail and the negative rail generated by the IC, the device operates in what
is effectively a split supply mode.
The output voltages are now centered at zero volts with the capability to swing to the positive rail or negative rail,
combining this with the build in click and pop reduction circuit, the DirectPath™ amplifier requires no output dc
blocking capacitors.
The bottom block diagram and waveform of Figure 13 illustrate the ground-referenced headphone and line driver
architecture. This is the architecture of the DRV604.
COMPONENT SELECTION
Charge Pump
The charge pump flying capacitor serves to transfer charge during the generation of the negative supply voltage.
The PVSS capacitor must be at least equal to the charge pump capacitor in order to allow maximum charge
transfer. Low ESR capacitors are an ideal selection, and a value of 1µF is typical. Capacitor values that are
smaller than 1µF can not be recommended for the HP section as it will limit the negative voltage swing in low
impedance loads.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com