công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83849CVS/NOPB.A bảng dữ liệu(PDF) 87 Page - Texas Instruments

tên linh kiện DP83849CVS/NOPB.A
Giải thích chi tiết về linh kiện  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A bảng dữ liệu(HTML) 87 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 83Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 84Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 85Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 86Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 87Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 88Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 89Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 90Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
www.national.com
86
8.2.13 10 Mb/s Serial Mode Transmit Timing
8.2.14 10 Mb/s Serial Mode Receive Timing
Note: RX_CLK may be held high for a longer period of time during transition between reference and recovered clocks.
Minimum high and low times will not be violated.
Parameter
Description
Notes
Min
Typ
Max Units
T2.13.1
TX_CLK High Time
10 Mb/s Serial mode
20
25
30
ns
T2.13.2
TX_CLK Low Time
10 Mb/s Serial mode
70
75
80
ns
T2.13.3
TXD_0, TX_EN Data Setup to TX_CLK rise
10 Mb/s Serial mode
25
ns
T2.13.4
TXD_0, TX_EN Data Hold from TX_CLK rise
10 Mb/s Serial mode
0
ns
Parameter
Description
Notes
Min
Typ
Max
Units
T2.14.1
RX_CLK High/Low Time
35
50
65
ns
T2.14.2
RX_CLK fall to RXD_0, RX_DV Delay
10 Mb/s Serial mode
-10
10
ns
TX_CLK
TXD[0]
TX_EN
Valid Data
T2.13.3
T2.13.4
T2.13.1
T2.13.2
RX_CLK
RXD[0]
RX_DV
T2.14.2
T2.14.1
T2.14.1
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100