công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC7573IPWR.B bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện DAC7573IPWR.B
Giải thích chi tiết về linh kiện  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7573IPWR.B bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button DAC7573IPWR.B Datasheet HTML 23Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 24Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 25Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 26Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 27Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 28Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 29Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 30Page - Texas Instruments DAC7573IPWR.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
www.ti.com
8
6
4
9
5
7
1
2
3
12
14
11
10
13
16
15
DAC7573
VOUTA
VOUTB
VREFH
VDD
VREFL
GND
VOUTC
VOUTD
A3
A2
A1
A0
IOVDD
SDA
SCL
LDAC
GPIO-2
GPIO-1
IOVDD
Microcontroller or
Microprocessor
NOTE: DAC7573 power and input/output connections are omitted for clarity, except I2C Inputs.
USING REF02 AS A POWER SUPPLY FOR DAC7573
DAC7573
SLAS398 – SEPTEMBER 2003
APPLICATION INFORMATION (continued)
Figure 41. Using GPIO With a Single DAC7573
Bit-banging I
2C with GPIO pins can be done by setting the GPIO line to zero and toggling it between input and
output modes to apply the proper bus states. To drive the line low, the pin is set to output a zero; to let the line
go high, the pin is set to input. When the pin is set to input, the state of the pin can be read; if another device is
pulling the line low, this reads as a zero in the port's input register.
Note that no pullup resistor is shown on the SCL line. In this simple case the resistor is not needed. The
microcontroller can simply leave the line on output, and set it to one or zero as appropriate. It can do this
because the DAC7573 never drives its clock line low. This technique can also be used with multiple devices, and
has the advantage of lower current consumption due to the absence of a resistive pullup.
If there are any devices on the bus that may drive their clock lines low, the above method should not be used.
The SCL line should be high-Z or zero, and a pullup resistor provided as usual. Note also that this cannot be
done on the SDA line in any case, because the DAC7573 drives the SDA line low from time to time, as all I
2C
devices do.
Some microcontrollers have selectable strong pullup circuits built in to their GPIO ports. In some cases, these
can be switched on and used in place of an external pullup resistor. Weak pullups are also provided on some
microcontrollers, but usually these are too weak for I
2C communication. Test any circuit before committing it to
production.
Due to the extremely low supply current required by the DAC7573, a possible configuration is to use a REF02
+5 V precision voltage reference to supply the required voltage to the DAC7573's supply input as well as the
reference input, as shown in Figure 42. This is especially useful if the power supply is quite noisy or if the system
supply voltages are at some value other than 5 V. The REF02 outputs a steady supply voltage for the DAC7573.
If the REF02 is used, the current it needs to supply to the DAC7573 is 600 µA typical and 900 µA max for
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com