| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSD96415 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CSD96415 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 11 page ![]() 6.2 Tape and Reel Information Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Reel Diameter User Direction of Feed P1 Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant CSD96415RWJ VQFN- CLIP RWJ 41 2500 330 12.4 5.30 6.30 1.20 8.00 12.00 Q1 CSD96415RWJT VQFN- CLIP RWJ 41 250 180 12.4 5.30 6.30 1.20 8.00 12.00 Q1 CSD96415 SLPS747 – JANUARY 2023 www.ti.com 6 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: CSD96415 |