công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSD13383F4.B bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện CSD13383F4.B
Giải thích chi tiết về linh kiện  CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13383F4.B bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button CSD13383F4.B Datasheet HTML 4Page - Texas Instruments CSD13383F4.B Datasheet HTML 5Page - Texas Instruments CSD13383F4.B Datasheet HTML 6Page - Texas Instruments CSD13383F4.B Datasheet HTML 7Page - Texas Instruments CSD13383F4.B Datasheet HTML 8Page - Texas Instruments CSD13383F4.B Datasheet HTML 9Page - Texas Instruments CSD13383F4.B Datasheet HTML 10Page - Texas Instruments CSD13383F4.B Datasheet HTML 11Page - Texas Instruments CSD13383F4.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Mechanical Dimensions
C
0.35
2X
0.16
0.14
2X
0.26
0.24
0.36 MAX
0.325
0.26
0.24
0.51
0.49
0.175
0.65
A
1.04
0.96
B
0.64
0.56
PIN 1 INDEX AREA
SEATING PLANE
1
2
0.015
C B
A
0.015
C A
B
3
A.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME
Y14.5M.
B.
This drawing is subject to change without notice.
C.
This package is a Pb-free bump design. Bump finish may vary. To determine the exact finish, refer to the device data sheet or contact a
local TI representative.
CSD13383F4
SLPS517C – DECEMBER 2014 – REVISED FEBRUARY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com