công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSD13383F4T bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện CSD13383F4T
Giải thích chi tiết về linh kiện  CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13383F4T bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button CSD13383F4T Datasheet HTML 5Page - Texas Instruments CSD13383F4T Datasheet HTML 6Page - Texas Instruments CSD13383F4T Datasheet HTML 7Page - Texas Instruments CSD13383F4T Datasheet HTML 8Page - Texas Instruments CSD13383F4T Datasheet HTML 9Page - Texas Instruments CSD13383F4T Datasheet HTML 10Page - Texas Instruments CSD13383F4T Datasheet HTML 11Page - Texas Instruments CSD13383F4T Datasheet HTML 12Page - Texas Instruments CSD13383F4T Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
7.2 Recommended Minimum PCB Layout
www.ti.com
EXAMPLE BOARD LAYOUT
2X (0.25)
2X (0.15)
0.05 MIN
ALL AROUND
(0.65)
(0.35)
(0.25)
(0.5)
(R
) TYP
0.05
4220651/B 08/2015
PicoStar
- 0.35 mm max height
YJC0003A
PicoStar
PKG
1
2
SYMM
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE:50X
3
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
NOTES: (continued)
4. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
TM
TM
A.
All dimensions are in millimeters.
B.
For more information, see FemtoFET Surface Mount Guide (SLRA003D).
7.3 Recommended Stencil Pattern
www.ti.com
EXAMPLE STENCIL DESIGN
2X (0.15)
2X (0.25)
2X (0.2)
(0.65)
(0.25)
(0.5)
(0.4)
(R
) TYP
0.05
4220651/B 08/2015
PicoStar
- 0.35 mm max height
YJC0003A
PicoStar
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
TM
TM
SOLDER PASTE EXAMPLE
BASED ON 0.075 - 0.1 mm THICK STENCIL
SCALE:50X
PKG
1
2
SYMM
3
2X SOLDER MASK EDGE
A.
All dimensions are in millimeters.
B.
Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design
recommendations.
www.ti.com
CSD13383F4
SLPS517C – DECEMBER 2014 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com