công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SEMIX405MLI10S7SC bảng dữ liệu(PDF) 2 Page - Semikron International

tên linh kiện SEMIX405MLI10S7SC
Giải thích chi tiết về linh kiện  3-Level NPC IGBT-Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMIKRON [Semikron International]
Trang chủ  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX405MLI10S7SC bảng dữ liệu(HTML) 2 Page - Semikron International

  SEMIX405MLI10S7SC Datasheet HTML 1Page - Semikron International SEMIX405MLI10S7SC Datasheet HTML 2Page - Semikron International SEMIX405MLI10S7SC Datasheet HTML 3Page - Semikron International SEMIX405MLI10S7SC Datasheet HTML 4Page - Semikron International SEMIX405MLI10S7SC Datasheet HTML 5Page - Semikron International SEMIX405MLI10S7SC Datasheet HTML 6Page - Semikron International SEMIX405MLI10S7SC Datasheet HTML 7Page - Semikron International SEMIX405MLI10S7SC Datasheet HTML 8Page - Semikron International SEMIX405MLI10S7SC Datasheet HTML 9Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SEMiX405MLI10S7SC
2
Rev. 3.0 – 09.02.2024
© by Semikron Danfoss
SEMiX® 5
MLI
3-Level NPC IGBT-Module
SEMiX405MLI10S7SC
Features*
• 950V Generation 7 IGBTs (S7, L7)
• 950V Generation 7 freewheeling
diodes (EC7)
• Silicon Carbide (SiC) clamping diodes
• Solderless assembling with PressFIT
signal pins, screw power terminals
• Reliable mechanical design with
injection moulded terminals
• UL recognized file no. E63532
• NTC temperature sensor inside
Typical Applications
• Solar
Remarks
• Case temperature limited to TC=125°C
max.
• Product reliability results valid for
Tj
≤150°C
• Tj under switching conditions is limited
to Tj,op = -40°C...+150°C
• IGBT1: outer IGBTs T1 & T4
• IGBT2: inner IGBTs T2 & T3
• Diode1: outer diodes D1 & D4
• Diode2: inner diodes D2 & D3
• Diode5: clamping diodes D5 & D6
• For storage and case temperature with
TIM see document
″TP(HALA P8)
SEMiX 5p
″
Footnotes
1) Please find further technical information
on the SEMIKRON website.
2) Please read the Important Notice and
Warnings at the end of this document
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
IGBT 1
VCE(sat)
IC = 400 A
VGE = 15 V
chiplevel
Tj = 25 °C
1.85
2.25
V
Tj = 150 °C
2.15
2.55
V
VCE0
chiplevel
Tj = 25 °C
1.10
1.45
V
Tj = 150 °C
1.05
1.40
V
rCE
VGE = 15 V
chiplevel
Tj = 25 °C
1.88
2.0
mΩ
Tj = 150 °C
2.8
2.9
mΩ
VGE(th)
VGE = VCE, IC = 6.5 mA
4.35
5.1
5.85
V
ICES
VGE = 0 V, VCE = 950 V, Tj = 25 °C
4.0
mA
Cies
VCE = 25 V
VGE = 0 V
f = 1 MHz
25.2
nF
Coes
f = 1 MHz
0.54
nF
Cres
f = 1 MHz
0.08
nF
QG
VGE = -15V...+15V
900
nC
RGint
Tj = 25 °C
0.8
Ω
td(on)
VCC = 500 V
IC = 200 A
VGE = +15/-15 V
RG on = 3.3 Ω
RG off = 3.3 Ω
di/dton = 4240 A/µs
di/dtoff = 2899 A/µs
dv/dt = 7026 V/µs
Ls = 27 nH
Tj = 150 °C
76
ns
tr
Tj = 150 °C
35
ns
Eon
Tj = 150 °C
5.29
mJ
td(off)
Tj = 150 °C
275
ns
tf
Tj = 150 °C
67
ns
Eoff
Tj = 150 °C
8.39
mJ
td(on)
VCC = 500 V
IC = 400 A
VGE = +15/-15 V
RG on = 10 Ω
RG off = 44 Ω
di/dton = 2769 A/µs
di/dtoff = 5000 A/µs
dv/dt = 4169 V/µs
Ls = 27 nH
Tj = 150 °C
154
ns
tr
Tj = 150 °C
117
ns
Eon
Tj = 150 °C
38
mJ
td(off)
Tj = 150 °C
1215
ns
tf
Tj = 150 °C
74
ns
Eoff
Tj = 150 °C
31
mJ
Rth(j-c)
per IGBT
0.17
K/W
Rth(c-s)
per IGBT, pre-applied High
Performance TIM
0.017
K/W
Rth(c-s)
per IGBT, pre-applied phase change
material
TBD
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com