| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD54HC367 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD54HC367 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 20 page ![]() 7 Detailed Description 7.1 Overview The ’HC367, ’HCT367, ’HC368, and CD74HCT368 silicon gate CMOS three-state buffers are general purpose high-speed non-inverting and inverting buffers. They have high drive current outputs which enable high speed operation even when driving large bus capacitances. These circuits possess the low power dissipation of CMOS circuitry, yet have speeds comparable to low power Schottky TTL circuits. Both circuits are capable of driving up to 15 low power Schottky inputs. The ’HC367 and ’HCT367 are non-inverting buffers, whereas the ’HC368 and CD74HCT368 are inverting buffers. These devices have two output enables, one enable (OE1) controls 4 gates and the other (OE2) controls the remaining 2 gates. The ’HCT367 and CD74HCT368 logic families are speed, function and pin compatible with the standard LS logic family. 7.2 Functional Block Diagram 1OE 1 1A1 2 1Y1 3 2OE 15 2A1 12 2Y1 11 1A2 4 1Y2 5 1A3 6 1Y3 7 1A4 9 1Y4 10 2A2 14 2Y2 13 7.3 Device Functional Modes Table 7-1. Truth Table(1) INPUTS OUTPUTS (Y) OE A HC/HCT367 HC/HCT368 L L L H L H H L H X (Z) (Z) (1) H = High Voltage Level, L = Low Voltage Level, X = Don’t Care, Z = High Impedance (OFF) State CD54HC367, CD74HC367, CD54HCT367 CD74HCT367, CD54HC368, CD74HC368, CD74HCT368 SCHS181E – NOVEMBER 1997 – REVISED FEBRUARY 2022 www.ti.com 8 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: CD54HC367 CD74HC367 CD54HCT367 CD74HCT367 CD54HC368 CD74HC368 CD74HCT368 |