công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD74HC367MT bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện CD74HC367MT
Giải thích chi tiết về linh kiện  CDx4HC367, CDx4HC368, CDx4HCT367, CD74HCT368 High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC367MT bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button CD74HC367MT Datasheet HTML 4Page - Texas Instruments CD74HC367MT Datasheet HTML 5Page - Texas Instruments CD74HC367MT Datasheet HTML 6Page - Texas Instruments CD74HC367MT Datasheet HTML 7Page - Texas Instruments CD74HC367MT Datasheet HTML 8Page - Texas Instruments CD74HC367MT Datasheet HTML 9Page - Texas Instruments CD74HC367MT Datasheet HTML 10Page - Texas Instruments CD74HC367MT Datasheet HTML 11Page - Texas Instruments CD74HC367MT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
7 Detailed Description
7.1 Overview
The ’HC367, ’HCT367, ’HC368, and CD74HCT368 silicon gate CMOS three-state buffers are general purpose
high-speed non-inverting and inverting buffers. They have high drive current outputs which enable high speed
operation even when driving large bus capacitances. These circuits possess the low power dissipation of CMOS
circuitry, yet have speeds comparable to low power Schottky TTL circuits. Both circuits are capable of driving up
to 15 low power Schottky inputs.
The ’HC367 and ’HCT367 are non-inverting buffers, whereas the ’HC368 and CD74HCT368 are inverting
buffers. These devices have two output enables, one enable (OE1) controls 4 gates and the other (OE2) controls
the remaining 2 gates.
The ’HCT367 and CD74HCT368 logic families are speed, function and pin compatible with the standard LS logic
family.
7.2 Functional Block Diagram
1OE
1
1A1
2
1Y1
3
2OE
15
2A1
12
2Y1
11
1A2
4
1Y2
5
1A3
6
1Y3
7
1A4
9
1Y4
10
2A2
14
2Y2
13
7.3 Device Functional Modes
Table 7-1. Truth Table(1)
INPUTS
OUTPUTS (Y)
OE
A
HC/HCT367
HC/HCT368
L
L
L
H
L
H
H
L
H
X
(Z)
(Z)
(1)
H = High Voltage Level, L = Low Voltage Level, X = Don’t Care,
Z = High Impedance (OFF) State
CD54HC367, CD74HC367, CD54HCT367
CD74HCT367, CD54HC368, CD74HC368, CD74HCT368
SCHS181E – NOVEMBER 1997 – REVISED FEBRUARY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC367 CD74HC367 CD54HCT367 CD74HCT367 CD54HC368 CD74HC368
CD74HCT368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20