công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUF11702PWPR bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện BUF11702PWPR
Giải thích chi tiết về linh kiện  MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

BUF11702PWPR bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button BUF11702PWPR Datasheet HTML 17Page - Texas Instruments BUF11702PWPR Datasheet HTML 18Page - Texas Instruments BUF11702PWPR Datasheet HTML 19Page - Texas Instruments BUF11702PWPR Datasheet HTML 20Page - Texas Instruments BUF11702PWPR Datasheet HTML 21Page - Texas Instruments BUF11702PWPR Datasheet HTML 22Page - Texas Instruments BUF11702PWPR Datasheet HTML 23Page - Texas Instruments BUF11702PWPR Datasheet HTML 24Page - Texas Instruments BUF11702PWPR Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
BUF11702
BUF07702
SLOS359F − MARCH 2001 − REVISED MAY 2004
www.ti.com
21
REFERENCE VOLTAGES
The reference voltages can be supplied externally via
the connector J2 (not included) or generated onboard
via resistors R1 to R11. An external low side reference
has been provided on the board so that the negative ref-
erences can be referred to a voltage other than ground.
The reference ladder can be referred to either VDD
(master supply voltage) or a secondary voltage, VDD2.
This allows a low noise or absolute reference voltage to
be used for the LCD source driver’s DACs other than
the system voltage. If the secondary voltage is used,
then jumper JP1 should be left open and jumper JP2
shorted. If a ratiometric reference (proportional to the
master supply voltage) is to be used, then jumpers JP1
and JP2 should both be shorted, feeding VDD through to
the reference ladder.
OUTPUT
The outputs of the BUF11702 are fed to connector J3
(not mounted). This enables the output voltages to be
monitored directly on the demonstration board or fed
off-board for evaluation in a real system.
Onboard load resistors, R23 to R32, connected to
ground can also be mounted. These can be used to sim-
ulate resistive loading of the LCD source driver.
Transient improving capacitors are frequently used in
LCD panel applications. Therefore, pads to mount
these transient improving capacitors, C6 to C16, have
been included. Due to the possible magnitude of these
capacitors, pads have been placed between the output
of the BUF11702 and these capacitors to mount nulling
resistors, R12 to R22. If the nulling resistors are not re-
quired, shorts could be placed instead of resistors.
The pads for R1 to R32 and capacitors C3 to C16 have
been laid out to support 0805 or 1206 size components.
PowerPAD
The BUF11702 demonstration board has been laid out
to support the PowerPAD feature of the BUF11702. An
area is provided on the demo board, under the
BUF11702, for the exposed leadframe connection.
Eighteen vias are connected to the ground plane of the
demo board to significantly reduce the thermal case to
ambient resistance,
qCA. See the Applications section
on general PowerPAD design considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com